Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1416 Datasheet (PDF) - ON Semiconductor

CM1416 Datasheet PDF - ON Semiconductor
Part # CM1416
Download  CM1416 Download
File Size   168.31 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Headset/Speaker EMI Filter with ESD Protection

CM1416 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1416 Datasheet PDF - ON Semiconductor

Part # CM1416
Download  CM1416 Click to download

File Size   168.31 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Headset/Speaker EMI Filter with ESD Protection

CM1416 Datasheet (HTML) - ON Semiconductor


CM1416 Product details

Product Description

The CM1416 is an EMI filter array with ESD protection, which integrates two Pi-filters (C-R-C). The CM1416 has component values of 117pF-2Ω-117pF. The parts include avalanche-type ESD diodes on every pin, which provide a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD).



Features

• Functionally and pin compatible with the CSPEMI201A and CM1411

• OptiGuard™ coated for improved reliability at assembly

• Two channels of EMI filtering for 8Ω speakers

• Pi-style EMI filters in a capacitor-resistor capacitor (C-R-C) network

• Greater than 30dB attenuation at 1GHz

• ±30kV ESD protection on each channel per IEC 61000-4-2 Level 4, contact discharge

• Extremely low lead inductance for optimum filter and ESD performance

• 5-bump, 0.96mm X 1.33mm footprint Chip Scale Package (CSP)

• RoHS-compliant, lead-free finishing



Applications

• Headset Speaker port in mobile handsets

• I/O port protection for mobile handsets, notebook computers, PDAs etc.

• EMI filtering for data ports in cell phones, PDAs or notebook computers.



 




Similar Part No. - CM1416

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM1416 VCC-CM1416 Datasheet
46Kb / 1P
Base
More results


Similar Description - CM1416

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
2 Channel Headset Speaker EMI Filter with ESD Protection
CSPEMI205 CALMIRCO-CSPEMI205 Datasheet
695Kb / 7P
3 Channel Headset EMI Filter with ESD Protection
CM1410 CALMIRCO-CM1410 Datasheet
493Kb / 7P
4 Channel Headset EMI Filter with ESD Protection
CM1411 CALMIRCO-CM1411 Datasheet
373Kb / 6P
2 Channel Headset/Speaker EMI Filter with ESD Protection
CM1414 CALMIRCO-CM1414 Datasheet
259Kb / 6P
2 Channel Headset EMI Filter with ESD Protection
CM1418 CALMIRCO-CM1418 Datasheet
294Kb / 8P
Praetorian??L-C EMI Filter with ESD Protection for Headset Speaker Applications
CSPEMI200A CALMIRCO-CSPEMI200A Datasheet
485Kb / 7P
4 Channel Headset EMI Filter with ESD Protection
CSPEMI204 CALMIRCO-CSPEMI204 Datasheet
254Kb / 6P
2 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CM1411 ONSEMI-CM1411 Datasheet
208Kb / 9P
2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com