Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1457 Datasheet (PDF) - ON Semiconductor

CM1457 Datasheet PDF - ON Semiconductor
Part # CM1457
Download  CM1457 Download
File Size   359.52 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Praetorian III짰 4, 6, 8-Channel EMI Filter Array with ESD Protection

CM1457 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1457 Datasheet PDF - ON Semiconductor

Part # CM1457
Download  CM1457 Click to download

File Size   359.52 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Praetorian III짰 4, 6, 8-Channel EMI Filter Array with ESD Protection

CM1457 Datasheet (HTML) - ON Semiconductor


CM1457 Product details

Functional Description

The CM1457 is an inductor-based (L-C) EMI filter array with ESD protection, which integrates four, six, or eight filters in a CSP form factor with 0.40mm pitch. Each EMI filter channel of the CM1457 is implemented with the component value of  6pF-35nH–4.7pF-35nH–1.8pF. The cut-off frequency at -3dB attenuation is 300MHz and can be used in applications where the data rates are as high as 160Mbps, while providing greater than -35dB attenuation over the 800MHz to 2.7GHz frequency range.



Features

• Four, six, or eight channels of EMI filtering

• ±15kV ESD protection (IEC 61000-4-2, contact discharge) at external pins

• Greater than -40dB of attenuation at 1GHz MIL_STD_883 international ESD standard

• Chip Scale Package (CSP) with 0.40mm pitch and 0.25mm CSP solder ball which features extremely low parasitic inductance for optimum filter and ESD performance

• OptiGuardTM coating for improved reliability at assembly

• RoHS-compliant, lead-free finishing



Applications

• LCD and camera data lines in mobile handsets

• I/O port protection for mobile handsets, notebook computers, PDAs, etc.

• EMI filtering for data ports in cell phones, PDAs or notebook computer

• Wireless handsets

• Handheld PCs/PDAs

• LCD and camera modules



 




Similar Part No. - CM1457

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1457-04CP ONSEMI-CM1457-04CP Datasheet
191Kb / 7P
8-Channel EMI Filter Array with ESD Protection
May, 2013 ??Rev. 6
CM1457-06CP ONSEMI-CM1457-06CP Datasheet
191Kb / 7P
8-Channel EMI Filter Array with ESD Protection
May, 2013 ??Rev. 6
CM1457-08CP ONSEMI-CM1457-08CP Datasheet
191Kb / 7P
8-Channel EMI Filter Array with ESD Protection
May, 2013 ??Rev. 6
CM1457 ONSEMI-CM1457_13 Datasheet
191Kb / 7P
8-Channel EMI Filter Array with ESD Protection
May, 2013 ??Rev. 6
More results


Similar Description - CM1457

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
6 Channel EMI Filter Array with ESD Protection
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
6 Channel EMI Filter Array with ESD Protection
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1453-08CP ONSEMI-CM1453-08CP Datasheet
400Kb / 12P
Praetorian 8-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CSPEMI306A ONSEMI-CSPEMI306A Datasheet
435Kb / 13P
6-Channel EMI Filter Array with ESD Protection
May 2010 Rev. 2
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1443-08CP ONSEMI-CM1443-08CP_11 Datasheet
478Kb / 10P
8-Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com