Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1620 Datasheet (PDF) - ON Semiconductor

CM1620 Datasheet PDF - ON Semiconductor
Part # CM1620
Download  CM1620 Download
File Size   847.27 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD and Camera EMI Filter Array with ESD Protection

CM1620 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1620 Datasheet PDF - ON Semiconductor

Part # CM1620
Download  CM1620 Click to download

File Size   847.27 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD and Camera EMI Filter Array with ESD Protection

CM1620 Datasheet (HTML) - ON Semiconductor


CM1620 Product details

Features
• Six or eight channels of EMI filtering with integrated ESD protection
• Pi-style EMI filters in a capacitor-resistorcapacitor (C-R-C) network
• ±15kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)
• ±30kV ESD protection on each channel (HBM)
• Greater than -25dB attenuation (typical) at 1GHz
• NuDFN package with 0.40mm lead pitch:
• 12-lead: 2.5mm x 1.20mm x 0.50mm
• 16-lead: 3.5mm x 1.20mm x 0.50mm
• Lead-free finishing

Applications
• Applications
• LCD and camera data lines in mobile handsets
• I/O port protection for mobile handsets, notebook computers, PDAs, etc.
• EMI filtering for data ports in cell phones, PDAs or notebook computers
• Wireless handsets
• Handheld PCs/PDAs




Similar Part No. - CM1620

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM162 CML-CM162 Datasheet
222Kb / 1P
B-6 Double Contact Bayonet Base
logo
Visual Communications C...
CM162 VCC-CM162 Datasheet
27Kb / 1P
Double Contact Bayonet Base
logo
California Micro Device...
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1621 ONSEMI-CM1621 Datasheet
294Kb / 11P
LCD and Camera EMI Filter Array with ESD Protection
June 2010 ??Rev. 2
logo
California Micro Device...
CM1621-06DE CALMIRCO-CM1621-06DE Datasheet
462Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
More results


Similar Description - CM1620

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com