Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1636 Datasheet (PDF) - ON Semiconductor

CM1636 Datasheet PDF - ON Semiconductor
Part # CM1636
Download  CM1636 Download
File Size   880.87 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection

CM1636 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1636 Datasheet PDF - ON Semiconductor

Part # CM1636
Download  CM1636 Click to download

File Size   880.87 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection

CM1636 Datasheet (HTML) - ON Semiconductor


CM1636 Product details

Product Description
The CM1636 is an EMI filter array with ESD protection, which integrates either four, six or eight pi filters (C-R-C). Each CM1636 filter has component values of 15pF-200W-15pF. These parts include ESD protection diodes on every pin, providing a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). The ESD diodes connected to the filter ports safely dissipate ESD strikes of ±15kV contact discharge, twice the specification requirement of the IEC 61000-4-2, Level 4 international standard. Using the MIL-STD-883 (Method 3015) specification for Human Body Model (HBM) ESD, the pins are protected for contact discharges at greater than ±30kV.

Features
• Four, six and eight channels of EMI filtering with integrated ESD protection
• Pi-style EMI filters in a capacitor-resistorcapacitor (C-R-C) network
• ±15kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)
• ±30kV ESD protection on each channel (HBM)
• Greater than 30dB of attenuation from 800MHz to 3GHz
• UDFN package with 0.40mm lead pitch:
    • 4-ch. = 8-lead UDFN
    • 6-ch. = 12-lead UDFN
    • 8-ch. = 16-lead UDFN
• Tiny UDFN package size:
    • 8-lead: 1.7mm x 1.35mm x 0.50mm
    • 12-lead: 2.5mm x 1.35mm x 0.50mm
    • 16-lead: 3.3mm x 1.35mm x 0.50mm
• Increased robustness against vertical impacts during manufacturing process
• Lead-free finishing

Applications
• I/O port protection for mobile handsets, notebook computers, PDAs etc.
• EMI filtering for data ports in cell phones, PDAs or notebook computers.
• EMI filtering for LCD, camera and chip-to-chip data lines




Similar Part No. - CM1636

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM163 CML-CM163 Datasheet
222Kb / 1P
B-6 Double Contact Bayonet Base
logo
Visual Communications C...
CM163 VCC-CM163 Datasheet
27Kb / 1P
Double Contact Bayonet Base
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630-04DE ONSEMI-CM1630-04DE Datasheet
844Kb / 18P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630-06DE ONSEMI-CM1630-06DE Datasheet
844Kb / 18P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results


Similar Description - CM1636

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1407 CALMIRCO-CM1407 Datasheet
1,018Kb / 12P
4 and 8 Channel EMI Filter Arrays with ESD Protection
CM1436 CALMIRCO-CM1436 Datasheet
1Mb / 13P
4 and 8 Channel EMI Filter Arrays with ESD Protection
logo
ON Semiconductor
CM1406 ONSEMI-CM1406 Datasheet
1Mb / 14P
4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1407 ONSEMI-CM1407 Datasheet
1Mb / 14P
4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1436 ONSEMI-CM1436 Datasheet
768Kb / 16P
4- and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev. 2
CM1436-04DE ONSEMI-CM1436-04DE Datasheet
244Kb / 10P
4-Channel EMI Filter Arrays with ESD Protection
June 2010 Rev. 2
logo
Vishay Siliconix
VEMI65AA-HCI VISHAY-VEMI65AA-HCI Datasheet
102Kb / 6P
6-Channel EMI-Filter with ESD-Protection
18-May-10
VEMI65AB-HCI VISHAY-VEMI65AB-HCI Datasheet
115Kb / 6P
6-Channel EMI-Filter with ESD-Protection
18-May-10
logo
ON Semiconductor
CM1692-08DE ONSEMI-CM1692-08DE Datasheet
14Kb / 1P
CM1692: Praetorian짰 L-C 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
11/24/2010
CM1692-04DE ONSEMI-CM1692-04DE Datasheet
14Kb / 1P
Praetorian짰 L-C 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
11/24/2010
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com