Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8N36 Datasheet (PDF) - 3M Electronics

8N36 Datasheet PDF - 3M Electronics
Part # 8N36
Download  8N36 Download
File Size   324.81 Kbytes
Page   6 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Mini Serial Attached SCSI (miniSAS) Cable Assembly

8N36 Datasheet (PDF)

Go To PDF Page Download Datasheet
8N36 Datasheet PDF - 3M Electronics

Part # 8N36
Download  8N36 Click to download

File Size   324.81 Kbytes
Page   6 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Mini Serial Attached SCSI (miniSAS) Cable Assembly

8N36 Datasheet (HTML) - 3M Electronics


8N36 Product details

Features
■ Current Rating: Per Contact: 0.5 A
■ Insulation Resistance: 103 MΩ min.
■ Withstanding Voltage: 300 VDC min. for 1 minute
■ Operating Temperature: -20°C to +80°C TS-2209-C




Similar Part No. - 8N36

ManufacturerPart #DatasheetDescription
logo
Nidec Motor Corporation...
8N3011-Z NIDEC-8N3011-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
8N3011B-Z NIDEC-8N3011B-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
8N3011C-Z NIDEC-8N3011C-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
8N3012-Z NIDEC-8N3012-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
8N3012B-Z NIDEC-8N3012B-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
More results


Similar Description - 8N36

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LSISASX28 LSI-LSISASX28 Datasheet
286Kb / 2P
28-Port 3Gb/s Serial Attached SCSI Expander
logo
Vitesse Semiconductor C...
VSC7251 VITESSE-VSC7251 Datasheet
261Kb / 2P
PCI-Express Serial Attached SCSI Single Chip RAID Controller
logo
Maxim Integrated Produc...
VSC7177 MAXIM-VSC7177 Datasheet
254Kb / 24P
Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
logo
Molex Electronics Ltd.
78012-0011 MOLEX-78012-0011 Datasheet
172Kb / 2P
Serial Attached SCSI
logo
DDK Ltd.
SAS-RA29-S1AA-FG DDK-SAS-RA29-S1AA-FG Datasheet
150Kb / 2P
Serial Attached SCSI Connectors
logo
3M Electronics
8M26 3M-8M26 Datasheet
907Kb / 7P
3M™ Mini Serial Attached SCSI (miniSAS) Cable Assembly External, Signal, Straight Termination
26-Feb-2008
logo
Molex Electronics Ltd.
0685620014 MOLEX8-0685620014 Datasheet
207Kb / 3P
Serial Attached SCSI (SAS) 4X Straight Internal Host Cable Assembly, with Sideband1.01m (3.30 )
0685620003 MOLEX8-0685620003 Datasheet
191Kb / 3P
Serial Attached SCSI (SAS) 4X-to-4X SATA Internal Target Base Cable Assembly, withSideband, 0.76m (2.50 ) Length
0685620002 MOLEX8-0685620002 Datasheet
193Kb / 3P
Serial Attached SCSI (SAS) 4X-to-4X SATA Internal Host Base Cable Assembly, withSideband, 0.76m (2.50 ) Length
logo
Keysight Technologies
N5412D KEYSIGHT-N5412D Datasheet
3Mb / 12P
N5412D Serial Attached SCSI-3
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com