Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2031 Datasheet (PDF) - ON Semiconductor

CM2031 Datasheet PDF - ON Semiconductor
Part # CM2031
Download  CM2031 Download
File Size   275.22 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description HDMI Receiver Port Protection and Interface Device

CM2031 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM2031 Datasheet PDF - ON Semiconductor

Part # CM2031
Download  CM2031 Click to download

File Size   275.22 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description HDMI Receiver Port Protection and Interface Device

CM2031 Datasheet (HTML) - ON Semiconductor


CM2031 Product details

Product Description

The  CM2031  HDMI  Receiver  Port  Protection  and Interface  Device  is  specifically  designed  for  next generation HDMI Sink interface protection.

An  integrated  package  provides  all  ESD,  slew  rate limiting  on  CEC  line,  level  shifting/isolation  and backdrive  protection  for  an  HDMI  port  in  a  single  38- Pin TSSOP package.



Features

•  HDMI 1.3 compliant

•  Supports thin dielectric and 2-layer boards

•  Minimizes TMDS skew with 0.05pF matching

•  Long HDMI cable support with integrated I2C accelerator

•  Active termination and slew rate limiting for CEC

•  Supports direct connection to CEC microcontroller

•  Integrated I2C level shifting to CMOS level including low logic level voltages

•  Integrated ±8kV ESD protection and backdrive protection on all external I/O lines

•  Supports active and passive control of hot plug detect signal

•  Multiport I2C support eliminates need for analog mux on DDC lines

•  Simplified layout with matched 0.5mm trace spacing

•  RoHS-compliant, lead-free packaging



Applications

•  PC and consumer electronics

•  Digital TV, PC monitors and projectors




Similar Part No. - CM2031

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
HDMI Receiver Port Protection and Interface Device
CM2031-A0TR CALMIRCO-CM2031-A0TR Datasheet
657Kb / 14P
HDMI Receiver Port Protection and Interface Device
logo
List of Unclassifed Man...
CM203125 ETC-CM203125 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CM203147 ETC-CM203147 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CM203160 ETC-CM203160 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results


Similar Description - CM2031

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
HDMI Receiver Port Protection and Interface Device
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
HDMI Receiver Port Protection and Interface Device
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
Texas Instruments
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com