Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBR/BR5335S Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

EBR/BR5335S Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # EBR/BR5335S
Download  EBR/BR5335S Download
File Size   413.54 Kbytes
Page   33 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color ?5 Round Shape Type

EBR/BR5335S Datasheet (PDF)

Go To PDF Page Download Datasheet
EBR/BR5335S Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # EBR/BR5335S
Download  EBR/BR5335S Click to download

File Size   413.54 Kbytes
Page   33 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color ?5 Round Shape Type

EBR/BR5335S Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


EBR/BR5335S Product details

Features
Product features
• Outer Dimension φ 5 Round shape type
• Operation temperature range.
    Storage Temperature :-30℃~ 100℃
    Operating Temperature :-30℃~ 85℃
• Lead–free soldering compatible
• RoHS compliant




Similar Part No. - EBR/BR5335S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
EBR/BR3338S STANLEY-EBR/BR3338S Datasheet
411Kb / 33P
Single Color ?3 Round Shape Type
More results


Similar Description - EBR/BR5335S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
Single Color ?5 Round Shape Type
BG5307S STANLEY-BG5307S Datasheet
436Kb / 33P
Single Color ?5 Round Shape Type
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
Single Color ?5 Round Shape Type
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
Single Color 5 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
Single Color 5 Round Shape Type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
Single Color ?5 Round Shape Type
WR5005S STANLEY-WR5005S_10 Datasheet
132Kb / 10P
Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
Single Color ?5 Round Shape Type
EPY5334S STANLEY-EPY5334S Datasheet
2Mb / 33P
Single Color ?5 Round Shape Type
BR5335S STANLEY-BR5335S Datasheet
2Mb / 33P
Single Color 5 Round Shape Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com