Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WYO Datasheet (PDF) - Vishay Siliconix

WYO Datasheet PDF - Vishay Siliconix
Part # WYO
Download  WYO Download

File Size   327.55 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC

WYO Datasheet (PDF)

Go To PDF Page Download Datasheet
WYO Datasheet PDF - Vishay Siliconix

Part # WYO
Download  WYO Click to download

File Size   327.55 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC

WYO Datasheet (HTML) - Vishay Siliconix

WYO Datasheet HTML 1Page - Vishay Siliconix WYO Datasheet HTML 2Page - Vishay Siliconix WYO Datasheet HTML 3Page - Vishay Siliconix



Similar Part No. - WYO

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WYO102CMKR VISHAY-WYO102CMKR Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
WYO103CMKR VISHAY-WYO103CMKR Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
WYO123CMKR VISHAY-WYO123CMKR Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
WYO152CMKR VISHAY-WYO152CMKR Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
WYO182CMKR VISHAY-WYO182CMKR Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
More results


Similar Description - WYO

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMSDFKR VISHAY-WYO472MCMSDFKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMCRAKR VISHAY-WYO472MCMCRAKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
WYO VISHAY-WYO_V01 Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
WKO VISHAY-WKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
VKO VISHAY-VKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5UG63V7 VISHAY-VY2222M35Y5UG63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com