| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
MC10EL32
|
76Kb / 3P |
첨2 Divider
1996 REV 3 |
|
NB7L32M
|
179Kb / 11P |
2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0 |
|
NB7VQ58M
|
1Mb / 9P |
1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0 |
|
NB7V33M
|
167Kb / 10P |
1.8V / 2.5V, 10GHz 첨4 Clock Divider with CML Outputs
January, 2010 ??Rev. 2 |
|
NB7V72M
|
161Kb / 8P |
1.8V / 2.5V Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
October, 2009 ??Rev. 1 |
|
NB7VQ1006M
|
177Kb / 10P |
1.8V / 2.5V 10Gbps Equalizer Receiver with 1:6 Differential CML Outputs
June, 2010 ??Rev. 2 |
|
NB7L32M
|
189Kb / 10P |
2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3 |
|
NB7V52M
|
90Kb / 10P |
1.8V / 2.5V Differential D Flip-Flop w/ Reset and CML Outputs
July, 2014 ??Rev. 4 |
 Integrated Device Techn... |
8P73S674
|
281Kb / 15P |
1.8V LVPECL Clock Divider
|
 Renesas Technology Corp |
8P73S674
|
479Kb / 16P |
1.8V LVPECL Clock Divider
0 Mar 2020 |