Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3121 Datasheet (PDF) - ON Semiconductor

NCP3121 Datasheet PDF - ON Semiconductor
Part # NCP3121
Download  NCP3121 Download
File Size   2424.63 Kbytes
Page   41 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual 3.0 A, Step-Down DC/DC Switching Regulator

NCP3121 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP3121 Datasheet PDF - ON Semiconductor

Part # NCP3121
Download  NCP3121 Click to download

File Size   2424.63 Kbytes
Page   41 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual 3.0 A, Step-Down DC/DC Switching Regulator

NCP3121 Datasheet (HTML) - ON Semiconductor




Similar Part No. - NCP3121

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3120 ONSEMI-NCP3120 Datasheet
1Mb / 39P
Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3120MNTXG ONSEMI-NCP3120MNTXG Datasheet
1Mb / 39P
Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3122 ONSEMI-NCP3122 Datasheet
2Mb / 42P
Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3122MNTXG ONSEMI-NCP3122MNTXG Datasheet
2Mb / 42P
Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
More results


Similar Description - NCP3121

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3120 ONSEMI-NCP3120 Datasheet
1Mb / 39P
Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3122 ONSEMI-NCP3122 Datasheet
2Mb / 42P
Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
STMicroelectronics
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
3 A DC step-down switching regulator
01-Mar-2012
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
3 A DC step-down switching regulator
10-Oct-2013
ST1S32PUR STMICROELECTRONICS-ST1S32PUR Datasheet
809Kb / 29P
4 A DC step-down switching regulator
31-May-2012
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
Step-Down DC-DC Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
STMicroelectronics
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
3 A DC step-down switching regulator
03-Mar-2016
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
3 A DC step-down switching regulator
28-Aug-2019
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com