Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1G6 Datasheet (PDF) - Gulf Semiconductor

1G6 Datasheet PDF - Gulf Semiconductor
Part # 1G6
Download  1G6 Download
File Size   638.37 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER VOLTAGE50 TO 1000V CURRENT 1.0A

1G6 Datasheet (PDF)

Go To PDF Page Download Datasheet
1G6 Datasheet PDF - Gulf Semiconductor

Part # 1G6
Download  1G6 Click to download

File Size   638.37 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER VOLTAGE50 TO 1000V CURRENT 1.0A

1G6 Datasheet (HTML) - Gulf Semiconductor


1G6 Product details

VOLTAGE50 TO 1000V

CURRENT 1.0A



FEATURE

Molded case feature for auto insertion

High current capability

Low leakage current

High surge capability

High temperature soldering guaranteed

250°C/10sec/0.375”lead length at 5 lbs tension



MECHANICAL DATA

Terminal Plated axial leads solderable per MIL-STD 202E, method 208C

Case Molded with UL-94 Class V-0 recognized Flame

Retardant Epoxy

Polarity Color band denotes cathode

Mounting position Any




Similar Part No. - 1G6

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1G6 GOOD-ARK-1G6 Datasheet
180Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
1G6 MIC-1G6 Datasheet
46Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1G6 PFS-1G6 Datasheet
165Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Altech corporation
1G60UM ALTECH-1G60UM Datasheet
660Kb / 2P
V-EA-Series - UL508 Manual Motor Controller -
1G63UM ALTECH-1G63UM Datasheet
660Kb / 2P
V-EA-Series - UL508 Manual Motor Controller -
More results


Similar Description - 1G6

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1F1G GULFSEMI-1F1G Datasheet
146Kb / 2P
FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4001G GULFSEMI-1N4001G Datasheet
89Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4001GP GULFSEMI-1N4001GP Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4007G-1 GULFSEMI-1N4007G-1 Datasheet
91Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
1U1G GULFSEMI-1U1G Datasheet
88Kb / 2P
FULTRAFAST EFFICIENT GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
BYD33D GULFSEMI-BYD33D Datasheet
123Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE200 TO 1000V CURRENT: 1.0A
ERA10MEGF GULFSEMI-ERA10MEGF Datasheet
171Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
GPP1A GULFSEMI-GPP1A Datasheet
84Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com