Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3309 Datasheet (PDF) - Bourns Electronic Solutions

3309 Datasheet PDF - Bourns Electronic Solutions
Part # 3309_1
Download  3309 Download
File Size   95.66 Kbytes
Page   1 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3309 - 9 mm Round Trimming Potentiometer

3309 Datasheet (PDF)

Go To PDF Page Download Datasheet
3309 Datasheet PDF - Bourns Electronic Solutions

Part # 3309_1
Download  3309 Click to download

File Size   95.66 Kbytes
Page   1 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3309 - 9 mm Round Trimming Potentiometer

3309 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - 3309_1

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3309-330-90 KR-3309-330-90 Datasheet
104Kb / 3P
KR Electronics part number 3309-330-90 is a 330 MHz Band-pass filter
logo
Bourns Electronic Solut...
3309-9 BOURNS-3309-9 Datasheet
132Kb / 2P
Round Trimming Potentiometer
logo
Sumida Corporation
3309-T075 SUMIDA-3309-T075 Datasheet
151Kb / 2P
General Power &Power over Ethernet Transformer
3309-T078 SUMIDA-3309-T078 Datasheet
151Kb / 2P
General Power &Power over Ethernet Transformer
logo
List of Unclassifed Man...
33095-30 ETC-33095-30 Datasheet
54Kb / 1P
Saturable Reactor
More results


Similar Description - 3309_1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3309-9 BOURNS-3309-9 Datasheet
132Kb / 2P
Round Trimming Potentiometer
3306-6 BOURNS-3306-6 Datasheet
88Kb / 1P
Round Trimming Potentiometer
3319 BOURNS-3319 Datasheet
109Kb / 2P
9 mm Round Trimming Potentiometer
logo
Suntan Capacitors
TSR-3309 SUNTAN-TSR-3309 Datasheet
841Kb / 1P
Round Trimming Potentiometer - 3309 9mm
logo
Kingtronics Internation...
RKT-3309 KINGTRONICS-RKT-3309 Datasheet
508Kb / 1P
RKT-3309 Round Trimming Potentiometer 9mm
RKT-3329 KINGTRONICS-RKT-3329 Datasheet
508Kb / 1P
RKT-3309 Round Trimming Potentiometer 9mm
logo
Bourns Electronic Solut...
3306 BOURNS-3306 Datasheet
140Kb / 1P
6 mm Round Trimpot Trimming Potentiometer
3319 BOURNS-3319_13 Datasheet
188Kb / 1P
9 mm Round Trimpot Trimming Potentiometer
RJ50FP103 BOURNS-RJ50FP103 Datasheet
125Kb / 1P
Round Trimpot Trimming Potentiometer
logo
Suntan Capacitors
TSR-3309 SUNTAN-TSR-3309_17 Datasheet
275Kb / 1P
Round Trimming Potentiometer ??3309 9mm
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com