Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYM36AGP Datasheet (PDF) - Gulf Semiconductor

BYM36AGP Datasheet PDF - Gulf Semiconductor
Part # BYM36AGP
Download  BYM36AGP Download
File Size   79.88 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00V to 1000V CURRENT: 3.0A

BYM36AGP Datasheet (PDF)

Go To PDF Page Download Datasheet
BYM36AGP Datasheet PDF - Gulf Semiconductor

Part # BYM36AGP
Download  BYM36AGP Click to download

File Size   79.88 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00V to 1000V CURRENT: 3.0A

BYM36AGP Datasheet (HTML) - Gulf Semiconductor


BYM36AGP Product details

VOLTAGE:200V to 1000V CURRENT: 3.0A

FEATURE
   High temperature metallurgically bonded construction
   Sintered glass cavity free junction
   Capability of meeting environmental standard of MIL-S-19500
   High temperature soldering guaranteed
   350°C /10sec/0.375”lead length at 5 lbs tension
   Low leakage current Typical Ir<0.1µA
   Excellent stability
   Guaranteed avalanche energy absorption capability




Similar Part No. - BYM36AGP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYM36A PHILIPS-BYM36A Datasheet
78Kb / 14P
Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
Vishay Siliconix
BYM36A VISHAY-BYM36A Datasheet
149Kb / 5P
Fast Avalanche Sinterglass Diode
12-Aug-04
logo
Galaxy Semi-Conductor H...
BYM36A BILIN-BYM36A Datasheet
67Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
Fast Avalanche Sinterglass Diode
25-Aug-10
logo
Shenzhen Luguang Electr...
BYM36A LUGUANG-BYM36A Datasheet
172Kb / 2P
Fast Recovery Rectifiers
More results


Similar Description - BYM36AGP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5418 GULFSEMI-1N5418 Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYM26AGP GULFSEMI-BYM26AGP Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00V to 1000V CURRENT: 2.3A
BYM36C GULFSEMI-BYM36C Datasheet
76Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYW72 GULFSEMI-BYW72 Datasheet
93Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYW96D GULFSEMI-BYW96D Datasheet
120Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800 TO 1000V CURRENT: 3.0A
FE4G GULFSEMI-FE4G Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
FE4J GULFSEMI-FE4J Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
G4J GULFSEMI-G4J Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
RG4J GULFSEMI-RG4J Datasheet
85Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com