Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW95BG Datasheet (PDF) - Gulf Semiconductor

BYW95BG Datasheet PDF - Gulf Semiconductor
Part # BYW95BG
Download  BYW95BG Download
File Size   100.26 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description FAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A

BYW95BG Datasheet (PDF)

Go To PDF Page Download Datasheet
BYW95BG Datasheet PDF - Gulf Semiconductor

Part # BYW95BG
Download  BYW95BG Click to download

File Size   100.26 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description FAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A

BYW95BG Datasheet (HTML) - Gulf Semiconductor


BYW95BG Product details

VOLTAGE:400V

CURRENT:3.0A



FEATURE

Low power loss

High surge capability

Ultra-fast recovery time for high efficiency

High temperature soldering guaranteed 250℃ /10sec/0.375″ lead length at 5 lbs tension



MECHANICAL DATA

Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C

Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy

Polarity: color band denotes cathode

Mounting position: any




Similar Part No. - BYW95BG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW95B PHILIPS-BYW95B Datasheet
54Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
EIC discrete Semiconduc...
BYW95B EIC-BYW95B Datasheet
29Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
BYW95B BILIN-BYW95B Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
logo
SynSemi, Inc.
BYW95B SYNSEMI-BYW95B Datasheet
33Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95B EIC-BYW95B Datasheet
48Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Similar Description - BYW95BG

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1R5GU41 GULFSEMI-1R5GU41 Datasheet
106Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?.5A
31GF2 GULFSEMI-31GF2 Datasheet
156Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF4 GULFSEMI-31GF4 Datasheet
79Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6 GULFSEMI-31GF6 Datasheet
193Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6A GULFSEMI-31GF6A Datasheet
160Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF7 GULFSEMI-31GF7 Datasheet
193Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
BYV27-400 GULFSEMI-BYV27-400 Datasheet
103Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT SILICON RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
HER30-1500G GULFSEMI-HER30-1500G Datasheet
125Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?500V CURRENT竊?3.0A
UF2004A GULFSEMI-UF2004A Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
UG1J GULFSEMI-UG1J Datasheet
108Kb / 2P
SUPERFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com