Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2SGX30C Datasheet (PDF) - Altera Corporation

EP2SGX30C Datasheet PDF - Altera Corporation
Part # EP2SGX30C
Download  EP2SGX30C Download
File Size   456.96 Kbytes
Page   34 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description 1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet

EP2SGX30C Datasheet (PDF)

Go To PDF Page Download Datasheet
EP2SGX30C Datasheet PDF - Altera Corporation

Part # EP2SGX30C
Download  EP2SGX30C Click to download

File Size   456.96 Kbytes
Page   34 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description 1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet

EP2SGX30C Datasheet (HTML) - Altera Corporation


EP2SGX30C Product details

The Altera enhanced configuration device is a single-device, high-speed, advanced configuration solution for very high-density FPGAs. The core of an enhanced configuration device is divided into two major blocks, a configuration controller and a flash memory. The flash memory is used to store configuration data for systems made up of one or more Altera FPGAs. Unused portions of the flash memory can be used to store

processor code or data that can be accessed via the external flash interface after FPGA configuration is complete.



Features

■ Enhanced configuration devices include EPC4, EPC8, and EPC16 devices

■ Single-chip configuration solution for Stratix® series, Cyclone™ series, APEX™ II, APEX 20K (including APEX 20K, APEX 20KC, and APEX 20KE), Mercury™, ACEX® 1K, and FLEX® 10K (FLEX 10KE and FLEX 10KA) devices

■ Contains 4-, 8-, and 16-Mbit flash memories for configuration data storage

● On-chip decompression feature almost doubles the effective configuration density

■ Standard flash die and a controller die combined into single stacked chip package

■ External flash interface supports parallel programming of flash and external processor access to unused portions of memory

● Flash memory block/sector protection capability via external flash interface

● Supported in EPC16 and EPC4 devices

■ Page mode support for remote and local reconfiguration with up to eight configurations for the entire system

● Compatible with Stratix series Remote System Configuration feature

■ Supports byte-wide configuration mode fast passive parallel (FPP); 8-bit data output per DCLK cycle

■ Supports true n-bit concurrent configuration (n = 1, 2, 4, and 8) of Altera FPGAs

■ Pin-selectable 2-ms or 100-ms power-on reset (POR) time

■ Configuration clock supports programmable input source and frequency synthesis

● Multiple configuration clock sources supported (internal oscillator and external clock input pin)

● External clock source with frequencies up to 133 MHz

● Internal oscillator defaults to 10 MHz; Programmable for higher frequencies of 33, 50, and 66 MHz

● Clock synthesis supported via user programmable divide counter

■ Available in the 100-pin plastic quad flat pack (PQFP) and the 88-pin Ultra FineLine BGA® packages

● Vertical migration between all devices supported in the 100-pin PQFP package

■ Supply voltage of 3.3 V (core and I/O)




Similar Part No. - EP2SGX30C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30C ALTERA-EP2SGX30C Datasheet
3Mb / 314P
Stratix II GX Device
EP2SGX30C ALTERA-EP2SGX30C Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EP2SGX30C ALTERA-EP2SGX30C Datasheet
621Kb / 36P
This datasheet describes enhanced configuration (EPC) devices
EP2SGX30C ALTERA-EP2SGX30C Datasheet
1Mb / 316P
Section I. Stratix II GX Device Data Sheet
EP2SGX30C ALTERA-EP2SGX30C Datasheet
1Mb / 316P
Section I. Stratix II GX Device Data Sheet
More results


Similar Description - EP2SGX30C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
EPCS1 ALTERA-EPCS1 Datasheet
241Kb / 32P
Serial Configuration Devices
EPCS1 ALTERA-EPCS1_1 Datasheet
704Kb / 38P
Serial Configuration Devices
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
logo
Altera Corporation
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EPC16QI100N ALTERA-EPC16QI100N Datasheet
621Kb / 36P
This datasheet describes enhanced configuration (EPC) devices
EPC16UC88N ALTERA-EPC16UC88N Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EPC1441TC32N ALTERA-EPC1441TC32N Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com