Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RU4DS Datasheet (PDF) - Gulf Semiconductor

RU4DS Datasheet PDF - Gulf Semiconductor
Part # RU4DS
Download  RU4DS Download
File Size   133.45 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1300V CURRENT: 3.0A

RU4DS Datasheet (PDF)

Go To PDF Page Download Datasheet
RU4DS Datasheet PDF - Gulf Semiconductor

Part # RU4DS
Download  RU4DS Click to download

File Size   133.45 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1300V CURRENT: 3.0A

RU4DS Datasheet (HTML) - Gulf Semiconductor


RU4DS Product details

VOLTAGE:1300V CURRENT: 3.0A



FEATURE

• High temperature metallurgically bonded construction

• Sintered glass cavity free junction

• Capability of meeting environmental standard of MIL-S-19500

• High temperature soldering guaranteed 350°C /10sec/0.375”lead length at 5 lbs tension

• Operate at Ta =55°C with no thermal run away Typical Ir<0.1µA



 




Similar Part No. - RU4DS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU4DS SANKEN-RU4DS Datasheet
23Kb / 1P
Damper Diodes (For Display)
logo
List of Unclassifed Man...
RU4DS ETC-RU4DS Datasheet
69Kb / 2P
Damper Diodes
logo
Galaxy Semi-Conductor H...
RU4DS BILIN-RU4DS Datasheet
51Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
RU4DS DACHANG-RU4DS Datasheet
123Kb / 2P
Damper Diodes Reverse voltage1300V Forward current 3.0A
logo
Shenzhen Taychipst Elec...
RU4DS TAYCHIPST-RU4DS Datasheet
857Kb / 1P
Fast-Recovery Rectifier Diodes
More results


Similar Description - RU4DS

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYT56AGP GULFSEMI-BYT56AGP Datasheet
136Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
BYW72GP GULFSEMI-BYW72GP Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 600V CURRENT: 3.0A
BYW96D GULFSEMI-BYW96D Datasheet
120Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800 TO 1000V CURRENT: 3.0A
GP10T GULFSEMI-GP10T Datasheet
115Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1300V CURRENT: 1.0A
GP30-15 GULFSEMI-GP30-15 Datasheet
138Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
GUFB30J GULFSEMI-GUFB30J Datasheet
82Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
RGP25A GULFSEMI-RGP25A Datasheet
137Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
RGPB30J GULFSEMI-RGPB30J Datasheet
127Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
RU4TGR GULFSEMI-RU4TGR Datasheet
134Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1300V CURRENT: 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com