Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RU4MGF Datasheet (PDF) - Gulf Semiconductor

RU4MGF Datasheet PDF - Gulf Semiconductor
Part # RU4MGF
Download  RU4MGF Download
File Size   81.89 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:2.0A

RU4MGF Datasheet (PDF)

Go To PDF Page Download Datasheet
RU4MGF Datasheet PDF - Gulf Semiconductor

Part # RU4MGF
Download  RU4MGF Click to download

File Size   81.89 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:2.0A

RU4MGF Datasheet (HTML) - Gulf Semiconductor


RU4MGF Product details

SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER

VOLTAGE: 50 TO 1000V CURRENT: 2.0A



FEATURE

High temperature metallurgically bonded construction

Sintered glass cavity free junction

Capability of meeting environmental standard of MIL-S-19500

High temperature soldering guaranteed 350°C /10sec/0.375”lead length at 5 lbs tension

Operate at Ta =55°C with no thermal run away Typical Ir<0.2µA

Low power loss, high efficient




Similar Part No. - RU4MGF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU4M SANKEN-RU4M Datasheet
18Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RU4M BILIN-RU4M Datasheet
54Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
EIC discrete Semiconduc...
RU4M EIC-RU4M Datasheet
49Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Rugao Dachang Electroni...
RU4M DACHANG-RU4M Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 200 to 600V Forward Current 3.5A
logo
Shenzhen Luguang Electr...
RU4M LUGUANG-RU4M Datasheet
166Kb / 2P
High Efficiency Rectifiers
More results


Similar Description - RU4MGF

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYT42AGP GULFSEMI-BYT42AGP Datasheet
78Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.25A
GP20A GULFSEMI-GP20A Datasheet
156Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
GUF15A GULFSEMI-GUF15A Datasheet
104Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
GUF20A GULFSEMI-GUF20A Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
RGP15A GULFSEMI-RGP15A Datasheet
135Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RGP20A GULFSEMI-RGP20A Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
RGP25A GULFSEMI-RGP25A Datasheet
137Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
RGP30A GULFSEMI-RGP30A Datasheet
134Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
RU2AGF GULFSEMI-RU2AGF Datasheet
99Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RU3JGF GULFSEMI-RU3JGF Datasheet
143Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com