Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP29C Datasheet (PDF) - Micro Commercial Components

TIP29C Datasheet PDF - Micro Commercial Components
Part # TIP29C
Download  TIP29C Download
File Size   163.77 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.0 Amp Complementary Silicon Power Transistors

TIP29C Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP29C Datasheet PDF - Micro Commercial Components

Part # TIP29C
Download  TIP29C Click to download

File Size   163.77 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.0 Amp Complementary Silicon Power Transistors

TIP29C Datasheet (HTML) - Micro Commercial Components


TIP29C Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Mounting Torgue: 5 in-lbs Maximum
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates RoHS Compliant. See ordering information)
• Marking: Type Number
• Rth(jc) is 4.167°C/W, Rth(ja) is 62.5°C/W
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - TIP29C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP29C MOSPEC-TIP29C Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Motorola, Inc
TIP29C MOTOROLA-TIP29C Datasheet
137Kb / 4P
1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
ON Semiconductor
TIP29C ONSEMI-TIP29C Datasheet
137Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP29C POINN-TIP29C Datasheet
85Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIP29C TRSYS-TIP29C Datasheet
443Kb / 5P
NPN SILICON POWER TRANSISTORS
More results


Similar Description - TIP29C

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE184 NTE-NTE184 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
NTE2343 NTE-NTE2343 Datasheet
22Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE2351 NTE-NTE2351 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE270 NTE-NTE270 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE291 NTE-NTE291 Datasheet
24Kb / 2P
Silicon Complementary Transistors Medium Power Amp, Switch
NTE331 NTE-NTE331 Datasheet
21Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
NTE377 NTE-NTE377 Datasheet
19Kb / 2P
Silicon Complementary Transistors Power Amp Driver, Output, Switch
logo
Micro Commercial Compon...
TIP29 MCC-TIP29_11 Datasheet
252Kb / 3P
1.0 Amp Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ21193 ONSEMI-MJ21193_13 Datasheet
128Kb / 6P
Silicon Power Transistors 16 AMP COMPLEMENTARY SILICON POWER TRANSISTORS
September, 2013 ??Rev. 6
logo
Micro Commercial Compon...
TIP29 MCC-TIP29_13 Datasheet
200Kb / 3P
1.0 Amp Complementary Silicon Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com