| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD5407N
|
72Kb / 6P |
Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0 |
|
NTD5803N
|
111Kb / 6P |
Power MOSFET 40 V, 76 A, Single N?묬hannel, DPAK
December, 2008 ??Rev. 0 |
|
NTD5804N
|
132Kb / 6P |
Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0 |
|
NTD5805N
|
132Kb / 6P |
Power MOSFET 40 V, 51 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0 |
|
NTD5406N
|
133Kb / 5P |
Power MOSFET 40 V, 70 A, Single N?묬hannel, DPAK
May, 2009 ??Rev. 2 |
|
NTD5806N
|
140Kb / 7P |
Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3 |
|
NVD5803N
|
106Kb / 6P |
Power MOSFET 40 V, 85 A, Single N?묬hannel, DPAK
April, 2010 ??Rev. 0 |
|
NTD5802NT4G
|
130Kb / 7P |
Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6 |
|
NVD5890NT4G
|
116Kb / 7P |
Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
January, 2012 ??Rev. 1 |
|
NVD5890N
|
217Kb / 8P |
Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
May, 2017 ??Rev. 2 |