| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTHD4502N
|
60Kb / 6P |
Power MOSFET 30 V, 3.9 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 4 |
|
NTHD4508N
|
55Kb / 6P |
Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3 |
|
NTHD4102P
|
69Kb / 6P |
Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4 |
|
NTHC5513
|
89Kb / 10P |
Power MOSFET 20 V, 3.9 A / ??.0 A, Complementary ChipFET-TM
October, 2004 ??Rev. 4 |
|
NTHD4102P
|
64Kb / 6P |
Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5 |
|
NTHD4401P
|
75Kb / 6P |
Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
November, 2005 ??Rev. 4 |
|
NTHD5903T1
|
68Kb / 6P |
Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4 |
|
NTHD5904N
|
65Kb / 6P |
Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2 |
|
NTHS4101P
|
59Kb / 6P |
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3 |
|
NTHD3102CT1G
|
101Kb / 11P |
Power MOSFET Complementary, 20 V, 5.5 A /??.2 A, ChipFET
September, 2006 ??Rev. 2 |