| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTR4501N
|
62Kb / 6P |
Power MOSFET 20 V, 3.2 A, Single N?묬hannel, SOT??3
March, 2005 ??Rev. 4 |
|
NTJS3151P
|
134Kb / 6P |
Trench Power MOSFET 12 V, 3.3 A, Single P?묬hannel, ESD Protected SC??8
March, 2006 ??Rev. 2 |
|
NTJS4151P
|
143Kb / 5P |
Trench Power MOSFET ??0 V, ??.2 A, Single P?묬hannel, SC??8
February, 2006 ??Rev. 1 |
|
NTJS4405N
|
131Kb / 5P |
Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4 |
|
NTR3161N
|
105Kb / 5P |
Power MOSFET 20 V, 3.3 A, Single N?묬hannel, SOT??3
June, 2008 ??Rev. 0 |
|
NTS4172N
|
107Kb / 5P |
Power MOSFET 30 V, 1.7 A, Single N?묬hannel, SC??0
June, 2008 ??Rev. 0 |
|
NTS4173P
|
114Kb / 6P |
Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0 |
|
NVTFS5826NL
|
117Kb / 6P |
60 V, 24 m, 20 A, Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 0 |
|
NVJD4401NT1G
|
124Kb / 5P |
Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6 |
|
NSTR4501NT1G
|
116Kb / 5P |
Power MOSFET 20 V, 3.2 A, Single N?묬hannel, SOT??3
August, 2012 ??Rev. 12 |