| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMFS4833N
|
75Kb / 7P |
Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2 |
|
NTMFS4108N
|
96Kb / 5P |
Power MOSFET 30 V, 35 A, Single N-Channel, SO-8 Flat Lead Package
July, 2007 - Rev. 5 |
|
NTMFS4119N
|
87Kb / 5P |
Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 5 |
|
NTMFS4120N
|
95Kb / 6P |
Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3 |
|
NTMFS4121N
|
94Kb / 6P |
Power MOSFET 30 V, 29 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3 |
|
NTMFS4701N
|
90Kb / 5P |
Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3 |
|
NTMFS4744N
|
93Kb / 7P |
Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4 |
|
NTMS4705N
|
96Kb / 5P |
Power MOSFET 30 V, 12 A, Single N-Channel, SO-8
October, 2007 - Rev. 3 |
|
NTMFS4922NE
|
165Kb / 8P |
Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1 |
|
NTMFS4C13N
|
181Kb / 8P |
MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2 |