| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMFS4833N
|
75Kb / 7P |
Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2 |
|
NTMS4176P
|
91Kb / 5P |
Power MOSFET -30 V, -9.6 A, P-Channel, SOIC-8
March, 2008 - Rev. 0 |
|
NTMFS4701N
|
90Kb / 5P |
Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3 |
|
NTMFS4709N
|
90Kb / 6P |
Power MOSFET 30 V, 94 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 3 |
|
NTMFS4744N
|
93Kb / 7P |
Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4 |
|
NTMS4800N
|
141Kb / 5P |
Power MOSFET 30 V, 8 A, N?묬hannel, SOIC??
August, 2009 ??Rev. 1 |
|
NTMD6N03R2G
|
343Kb / 8P |
Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3 |
|
NVMD6N03R2G
|
343Kb / 8P |
Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3 |
|
NTMFS4922NE
|
165Kb / 8P |
Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1 |
|
NTMFS4C13N
|
181Kb / 8P |
MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2 |