Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADM Datasheet (PDF) - Schurter Inc.

MADM Datasheet PDF - Schurter Inc.
Part # MADM
Download  MADM Download
File Size   339.1 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC

MADM Datasheet (PDF)

Go To PDF Page Download Datasheet
MADM Datasheet PDF - Schurter Inc.

Part # MADM
Download  MADM Click to download

File Size   339.1 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC

MADM Datasheet (HTML) - Schurter Inc.


MADM Product details

Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC

Description
-    High Breaking Capacity

Standards
-    NF C 63-210 / NF C 63-211
-    DTCN: T/5920 DA




Similar Part No. - MADM

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MADM SCHURTER-MADM Datasheet
226Kb / 3P
Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC
MADM SCHURTER-MADM_18 Datasheet
226Kb / 3P
Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC
More results


Similar Description - MADM

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
23162 SCHURTER-23162 Datasheet
222Kb / 1P
Fuseholder Open Design, 14.3 x 51 mm, Screw Clamp
172593 SCHURTER-172593 Datasheet
282Kb / 2P
Subminiature Fuse, 3.8 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
A10AM SCHURTER-A10AM Datasheet
258Kb / 3P
Miniature Fuse, 10.3 x 38 mm, aM, 500 VAC
70208510 SCHURTER-70208510 Datasheet
337Kb / 2P
Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
MAT SCHURTER-MAT Datasheet
155Kb / 3P
Special Fuse, 14 x 50 mm
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
Special Fuse, 14 x 50 mm
00346000 SCHURTER-00346000 Datasheet
595Kb / 4P
Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
MADM SCHURTER-MADM_18 Datasheet
226Kb / 3P
Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC
172593 SCHURTER-172593_18 Datasheet
291Kb / 4P
Subminiature Fuse, 4.05 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
7020.8510 SCHURTER-7020.8510_V01 Datasheet
241Kb / 2P
Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com