Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMT Datasheet (PDF) - Schurter Inc.

OMT Datasheet PDF - Schurter Inc.
Part # OMT
Download  OMT Download
File Size   426.7 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC

OMT Datasheet (PDF)

Go To PDF Page Download Datasheet
OMT Datasheet PDF - Schurter Inc.

Part # OMT
Download  OMT Click to download

File Size   426.7 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC

OMT Datasheet (HTML) - Schurter Inc.




Similar Part No. - OMT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OMT SCHURTER-OMT Datasheet
244Kb / 3P
Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT Datasheet
273Kb / 4P
Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT Datasheet
284Kb / 4P
Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT Datasheet
284Kb / 4P
Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
logo
Pepperl+Fuchs Inc.
OMT100-R100-2EP-IO PF-OMT100-R100-2EP-IO Datasheet
430Kb / 4P
Distance sensor
More results


Similar Description - OMT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
80200504 SCHURTER-80200504 Datasheet
340Kb / 2P
Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
UMT SCHURTER-UMT Datasheet
546Kb / 3P
Surface Mount Fuse, 10.1 x 3 mm, Time-Lag T, 250 VAC, 125 VDC
OMF250 SCHURTER-OMF250_16 Datasheet
250Kb / 3P
Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
OMT SCHURTER-OMT_16 Datasheet
244Kb / 3P
Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250 Datasheet
350Kb / 3P
Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_18 Datasheet
273Kb / 4P
Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_18 Datasheet
476Kb / 5P
Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V01 Datasheet
284Kb / 4P
Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_V02 Datasheet
487Kb / 5P
Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
OMT SCHURTER-OMT_V02 Datasheet
284Kb / 4P
Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com