Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1189 Datasheet (PDF) - Rohm

2SB1189 Datasheet PDF - Rohm
Part # 2SB1189
Download  2SB1189 Download
File Size   69.82 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium power transistor (-80V, -0.7A)

2SB1189 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1189 Datasheet PDF - Rohm

Part # 2SB1189
Download  2SB1189 Click to download

File Size   69.82 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium power transistor (-80V, -0.7A)

2SB1189 Datasheet (HTML) - Rohm


2SB1189 Product details

Features
1) High breakdown voltage, BVCEO= -80V, and high current, IC= -0.7A.
2) Complements the 2SB1767 / 2SB1859 / 2SB1200F.

Features
1) High breakdown voltage, BVCEO=80V, and high current, IC=0.7A.
2) Complements the 2SB1189 / 2SB1238 / 2SB889F.




Similar Part No. - 2SB1189

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1189 ROHM-2SB1189 Datasheet
42Kb / 1P
MEDIUM POWER TRANSISTOR
logo
List of Unclassifed Man...
2SB1189 ETC1-2SB1189 Datasheet
38Kb / 1P
MEDIUM POWER TRANSISTOR(-80V, -0.7A)
logo
Guangdong Kexin Industr...
2SB1189 KEXIN-2SB1189 Datasheet
51Kb / 1P
Medium Power Transistor
logo
Rohm
2SB1189 ROHM-2SB1189 Datasheet
141Kb / 3P
Medium power transistor(-80V, -0.7A)
logo
Shenzhen Jin Yu Semicon...
2SB1189 HTSEMI-2SB1189 Datasheet
277Kb / 2P
TRANSISTOR(PNP)
More results


Similar Description - 2SB1189

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1767 ROHM-2SD1767 Datasheet
71Kb / 3P
Medium power transistor (80V, 0.7A)
logo
List of Unclassifed Man...
2SB889F ETC1-2SB889F Datasheet
38Kb / 1P
MEDIUM POWER TRANSISTOR(-80V, -0.7A)
logo
Rohm
2SB1189 ROHM-2SB1189_10 Datasheet
141Kb / 3P
Medium power transistor(-80V, -0.7A)
2SB1238TV2R ROHM-2SB1238TV2R Datasheet
99Kb / 3P
Medium power transistor(80V, 0.7A)
2SAR514P ROHM-2SAR514P_13 Datasheet
431Kb / 8P
PNP -0.7A -80V Middle Power Transistor
2SAR514R ROHM-2SAR514R_15 Datasheet
1Mb / 8P
PNP -0.7A -80V Middle Power Transistor
2SAR514PFRA ROHM-2SAR514PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-80V / -0.7A)
2SCR514PFRA ROHM-2SCR514PFRA Datasheet
1Mb / 8P
Middle Power Transistor (80V / 0.7A)
2SCR514RHZG ROHM-2SCR514RHZG Datasheet
1Mb / 9P
NPN 0.7A 80V Middle Power Transistor
20190314 - Rev.001
2SCR514PHZG ROHM-2SCR514PHZG Datasheet
1Mb / 9P
Middle Power Transistor (80V / 0.7A)
20181012 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com