Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1664 Datasheet (PDF) - Rohm

D1664 Datasheet PDF - Rohm
Part # D1664
Download  D1664 Download
File Size   118.61 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (32V, 1A)

D1664 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1664 Datasheet PDF - Rohm

Part # D1664
Download  D1664 Click to download

File Size   118.61 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (32V, 1A)

D1664 Datasheet (HTML) - Rohm


D1664 Product details

Medium Power Transistor (32V, 1A)



Features

1) Low VCE(sat) = 0.15V(Typ.)

(lC / lB = 500mA / 50mA)

2) Compliments 2SB1132 / 2SB1237




Similar Part No. - D1664

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
D1665 STMICROELECTRONICS-D1665 Datasheet
281Kb / 12P
Low voltage fast-switching NPN power transistor
08-May-2006
logo
Infineon Technologies A...
D1665C5 INFINEON-D1665C5 Datasheet
1Mb / 11P
SiC Silicon Carbide Diode
Rev. 2.2, 2012-12-10
D1665C5 INFINEON-D1665C5 Datasheet
1Mb / 11P
5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2012-12-10
logo
Sanyo Semicon Device
D1667 SANYO-D1667 Datasheet
123Kb / 4P
50V/5A Switching Applications
More results


Similar Description - D1664

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664_1 Datasheet
129Kb / 4P
Medium Power Transistor (32V, 1A)
2SB1132 ROHM-2SB1132_09 Datasheet
179Kb / 5P
Medium Power Transistor (-32V, -1A)
2SD1664 ROHM-2SD1664_09 Datasheet
173Kb / 4P
Medium Power Transistor (32V, 1A)
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
Medium Power Transistor (32V, 1A)
MP6Z1 ROHM-MP6Z1 Datasheet
178Kb / 7P
Medium Power Transistor (-32V, -1A)
2SA1515S ROHM-2SA1515S_10 Datasheet
149Kb / 4P
Medium Power Transistor (-32V,-1A)
logo
Littelfuse
2SD1664T100Q LITTELFUSE-2SD1664T100Q Datasheet
121Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Rohm
2SB1132T100P ROHM-2SB1132T100P Datasheet
179Kb / 5P
Medium Power Transistor (-32V,??1A)
2SD1664T100R ROHM-2SD1664T100R Datasheet
121Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Nanjing International G...
2SD1664 DGNJDZ-2SD1664 Datasheet
496Kb / 4P
Medium Power Transistor(32V,1A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com