Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1862 Datasheet (PDF) - Rohm

2SD1862 Datasheet PDF - Rohm
Part # 2SD1862
Download  2SD1862 Download
File Size   107.46 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (32V, 2A)

2SD1862 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1862 Datasheet PDF - Rohm

Part # 2SD1862
Download  2SD1862 Click to download

File Size   107.46 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (32V, 2A)

2SD1862 Datasheet (HTML) - Rohm


2SD1862 Product details

Features
1) Low VCE(sat). VCE(sat)= 0.5V (Typ.)(IC/IB= 2A / 0.2A)
2) Complements the 2SB1188 / 2SB1182 / 2SB1240 / 2SB891F / 2SB822 / 2SB1277 / 2SB911M

Structure
   Epitaxial planar type
   NPN silicon transistor




Similar Part No. - 2SD1862

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1862 ROHM-2SD1862 Datasheet
124Kb / 4P
Medium Power Transistor (32V, 2A)
2SD1862 ROHM-2SD1862 Datasheet
157Kb / 3P
Medium power transistor (32V, 2A)
logo
Foshan Blue Rocket Elec...
2SD1862 FOSHAN-2SD1862 Datasheet
839Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
Rohm
2SD1862 ROHM-2SD1862 Datasheet
176Kb / 4P
Medium power transistor (32V, 2A)
2SD1862 ROHM-2SD1862 Datasheet
176Kb / 4P
Medium power transistor (32V, 2A)
More results


Similar Description - 2SD1862

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB891F ROHM-2SB891F Datasheet
538Kb / 11P
MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB1188 ROHM-2SB1188_09 Datasheet
180Kb / 4P
Medium power transistor (-32V, -2A)
2SD1766 ROHM-2SD1766_09 Datasheet
176Kb / 4P
Medium power transistor (32V, 2A)
MP6X2 ROHM-MP6X2 Datasheet
118Kb / 4P
Medium Power Transistor (32V, 2A)
MP6Z2 ROHM-MP6Z2 Datasheet
119Kb / 6P
Medium Power Transistor (32V, 2A)
2SB1182 ROHM-2SB1182 Datasheet
153Kb / 4P
Medium power transistor (-32V, -2A)
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
Medium power transistor (32V, 2A)
logo
Littelfuse
2SD1758TLR LITTELFUSE-2SD1758TLR Datasheet
111Kb / 3P
Medium power transistor (32V, 2A)
logo
Rohm
2SB1182TLR ROHM-2SB1182TLR Datasheet
116Kb / 4P
Medium power transistor (32V,2A)
logo
Nanjing International G...
2SB1188 DGNJDZ-2SB1188 Datasheet
483Kb / 4P
Medium power transistor(-32V,-2A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com