Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1957 Datasheet (PDF) - Rohm

2SD1957 Datasheet PDF - Rohm
Part # 2SD1957
Download  2SD1957 Download
File Size   39.93 Kbytes
Page   1 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (120V, 7A)

2SD1957 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1957 Datasheet PDF - Rohm

Part # 2SD1957
Download  2SD1957 Click to download

File Size   39.93 Kbytes
Page   1 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (120V, 7A)

2SD1957 Datasheet (HTML) - Rohm


2SD1957 Product details

2SD1957 Power Transistor (120V, 7A)
2SD2061 Power Transistor (60V, 3A)




Similar Part No. - 2SD1957

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1957 ROHM-2SD1957 Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
More results


Similar Description - 2SD1957

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SA1598 SHINDENGEN-2SA1598 Datasheet
423Kb / 9P
Switching Power Transistor(-7A PNP)
2SA1796 SHINDENGEN-2SA1796 Datasheet
407Kb / 9P
Switching Power Transistor(-7A PNP)
2SA1879 SHINDENGEN-2SA1879 Datasheet
408Kb / 8P
Switching Power Transistor(-7A PNP)
2SC4148 SHINDENGEN-2SC4148 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
2SC4668 SHINDENGEN-2SC4668 Datasheet
413Kb / 9P
Switching Power Transistor(7A NPN)
logo
Rohm
2SC4849 ROHM-2SC4849 Datasheet
39Kb / 1P
HIGH-VOLTAGE SWITCHING TRANSISTOR (POWER SUPPLY) ( 120V, 7A)
2SB1672 ROHM-2SB1672 Datasheet
54Kb / 1P
Power Transistor (-80V, -7A)
2SAR583D3 ROHM-2SAR583D3 Datasheet
1Mb / 11P
PNP -7A -50V Power Transistor
2SCR583D3 ROHM-2SCR583D3 Datasheet
1Mb / 11P
NPN 7A 50V Power Transistor
2SAR583D3FRA ROHM-2SAR583D3FRA Datasheet
1Mb / 9P
PNP -7A -50V Power Transistor
20220315 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com