Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH4127 Datasheet (PDF) - Rohm

BH4127 Datasheet PDF - Rohm
Part # BH4127
Download  BH4127 Download
File Size   125.7 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description IF detector IC for 900MHz spread spectrum cordless phones

BH4127 Datasheet (PDF)

Go To PDF Page Download Datasheet
BH4127 Datasheet PDF - Rohm

Part # BH4127
Download  BH4127 Click to download

File Size   125.7 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description IF detector IC for 900MHz spread spectrum cordless phones

BH4127 Datasheet (HTML) - Rohm


BH4127 Product details

The BH4127FV is a mixer, IF amplifier, and FM detector IC developed for use with 900MHz spread spectrum cordless phones



Features

1) Built-in mixer circuit, IF circuit, RSSI circuit, and FM detector circuit.

2) Operates at mixer input frequencies ranging from 20

to 300 MHz.

3) Equipped with a battery save function.

4) FM detector circuit demodulates up to ±750kHzdev.

5) FM detector circuit demodulates up to 2.6Mbps.



Applications

900MHz spread spectrum cordless phones



 




Similar Part No. - BH4127

ManufacturerPart #DatasheetDescription
logo
Rohm
BH4126 ROHM-BH4126 Datasheet
102Kb / 10P
Wide band IF detector for RF remote control units
BH4126FV ROHM-BH4126FV Datasheet
102Kb / 10P
Wide band IF detector for RF remote control units
BH4128 ROHM-BH4128 Datasheet
106Kb / 8P
Second Mixer IF for digital cellular phones
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
Second Mixer IF for digital cellular phones
More results


Similar Description - BH4127

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA31136F TOSHIBA-TA31136F Datasheet
712Kb / 16P
FM IF DETECTOR IC FOR CORDLESS TELEPHONE
logo
Rohm
BA4116FV ROHM-BA4116FV Datasheet
193Kb / 11P
FM IF detector for cordless phones
logo
Zilog, Inc.
Z87001 ZILOG-Z87001 Datasheet
205Kb / 51P
ROMless Spread Spectrum Cordless Phone Controller
logo
Toshiba Semiconductor
TB31261AF TOSHIBA-TB31261AF Datasheet
2Mb / 26P
RF 1CHIP IC FOR 900Mhz CORDLESS TELEPHONE
logo
EPCOS
B8103 EPCOS-B8103 Datasheet
72Kb / 7P
IF Filters for Cordless Phones and ISM-Band Application
logo
Toshiba Semiconductor
TA31137FNG TOSHIBA-TA31137FNG Datasheet
578Kb / 16P
IF DETECTOR IC FOR CORDLESS AND CELLULAR PHONES
TA31180FNG TOSHIBA-TA31180FNG Datasheet
506Kb / 15P
FILTERLESS IF DETECTOR IC FOR CORDLESS TELEPHONE
TA31188FNG TOSHIBA-TA31188FNG Datasheet
496Kb / 15P
FILTERLESS IF DETECTOR IC FOR CORDLESS TELEPHONE
logo
Agamem Microelectronic ...
AA32416 AGAMEM-AA32416 Datasheet
418Kb / 9P
FM IF DETECTOR FOR CORDLESS PHONES
logo
Rohm
BA4116FV-E2 ROHM-BA4116FV-E2 Datasheet
209Kb / 12P
FM IF detector for cordless phones
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com