Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5313 Datasheet (PDF) - Rohm

BP5313 Datasheet PDF - Rohm
Part # BP5313
Download  BP5313 Download
File Size   48.96 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power supply unit for LCD drives

BP5313 Datasheet (PDF)

Go To PDF Page Download Datasheet
BP5313 Datasheet PDF - Rohm

Part # BP5313
Download  BP5313 Click to download

File Size   48.96 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power supply unit for LCD drives

BP5313 Datasheet (HTML) - Rohm


BP5313 Product details

Power supply unit for LCD drives

The BP5313 is a power supply unit designed to drive LCD panels. Using this unit makes it easy to create a +40V power supply from a logic circuit (+12V) to drive an LCD.

Features
1) High efficient power conversion (83%).
2) Internal short-circuit protection.
3) Low height makes this product ideal for thin-panel sets.

Applications
   LCD panels for personal computers, word processors, and other equipment; LCD display units




Similar Part No. - BP5313

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5313A ROHM-BP5313A Datasheet
63Kb / 5P
DC / DC converter for LCD
More results


Similar Description - BP5313

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5302 ROHM-BP5302 Datasheet
69Kb / 4P
Power supply unit for LCDs
BP5311 ROHM-BP5311 Datasheet
64Kb / 4P
Power supply unit for LCD drives
BP5317 ROHM-BP5317 Datasheet
46Kb / 4P
Surface-mount power supply unit for LCD drivers
logo
NEC
UPD161660 NEC-UPD161660 Datasheet
94Kb / 15P
POWER SUPPLY FOR TFT-LCD DRIVER
UPD161661 NEC-UPD161661 Datasheet
441Kb / 15P
POWER SUPPLY FOR TFT-LCD DRIVER
logo
Rohm
BP5307 ROHM-BP5307 Datasheet
60Kb / 4P
Surface-mount type power supply unit for LCD drives
logo
Beckhoff Automation Gmb...
CX2100-0014 BECKHOFF-CX2100-0014 Datasheet
110Kb / 2P
Power supply unit for CX20xx, 130W
logo
Festo Corporation.
2247682 FESTO-2247682 Datasheet
75Kb / 1P
Power supply unit
2247685 FESTO-2247685 Datasheet
96Kb / 1P
Power supply unit
logo
PHOENIX CONTACT
108830 PHOENIX-108830 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com