Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2630F Datasheet (PDF) - Rohm

BU2630F Datasheet PDF - Rohm
Part # BU2630F
Download  BU2630F Download
File Size   143.38 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Dual PLL frequency synthesizer

BU2630F Datasheet (PDF)

Go To PDF Page Download Datasheet
BU2630F Datasheet PDF - Rohm

Part # BU2630F
Download  BU2630F Click to download

File Size   143.38 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Dual PLL frequency synthesizer

BU2630F Datasheet (HTML) - Rohm


BU2630F Product details

The BU2630F/BU2630FV are a CMOS LSI with an internal dual PLL synthesizer.

VCOs for transmission and reception can be controlled independently, and the reference frequency and main counter settings can also be programmed separately. This product is designed for applications involving cordless telephones and communications equipment worldwide.



Features

1) Operation possible at up to 80MHz (VDD = 2.5).

2) Low current dissipation

   Dual-system operation : 2.2mA (typ), VDD = 3V

   Single-system operation : 1.2mA (typ), VDD = 3V

   Non-operating state : 0.2mA (typ), VDD = 3V

3) 16-bit main counter.

4) Internal 14-bit reference frequency counter.

5) Unlock detection possible.

6) Four output ports. (open drain)

7) Control possible using 3-wire serial input.  



Applications

  Cordless telephones, amateur short wave radios, industrial transceivers, VHF/UHF frequency generators, and others



 




Similar Part No. - BU2630F

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
PLL frequency synthesizer for tuners
BU2611AF ROHM-BU2611AF Datasheet
73Kb / 4P
PLL frequency synthesizer for tuners
BU2611AFS ROHM-BU2611AFS Datasheet
73Kb / 4P
PLL frequency synthesizer for tuners
BU2614 ROHM-BU2614 Datasheet
132Kb / 9P
PLL frequency synthesizer for tuners
BU2614FS ROHM-BU2614FS Datasheet
132Kb / 9P
PLL frequency synthesizer for tuners
More results


Similar Description - BU2630F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
PLL Frequency Synthesizer
4/06-Revision 0
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
PLL Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
Dual PLL Frequency Synthesizer
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com