Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU38603 Datasheet (PDF) - Rohm

BU38603 Datasheet PDF - Rohm
Part # BU38603
Download  BU38603 Download
File Size   78.6 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description System control servo

BU38603 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU38603 Datasheet PDF - Rohm

Part # BU38603
Download  BU38603 Click to download

File Size   78.6 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description System control servo

BU38603 Datasheet (HTML) - Rohm


BU38603 Product details

The BU38603, BU38703 and BU38803 are servo controller ICs for VCRs. They contain a high-speed, 8-bit CPU and perform the processing required for the drum, capstan, FV and PV completely in software, allowing a large reduction in the number of external components required. They also contain high-performance linear amplifiers, eliminating the need for interface ICs. Specialized hardware is included for items that require high-speed processing, to allow efficient utilization of the CPU.

Features
1) CPU
    499 commands (69 types)
    Memory-mapped I / O
    Minimum command execution time: 250ns (8MHz)
2)ROM capacity
    BU38603: 16384 × 8 bit
    BU38703: 24576 × 8 bit
    BU38803: 32768 × 8 bit
3) RAM capacity: 512 × 8bit
4) Interrupt
    Pattern generator: 1
    Watch-dog timer: 1
    External interrupts: 1
    FG interrupts: 5
    Internal interrupts: 7
    Two timers, serial transmission, interrupt, VHSW, CTL interval timer (fixed) / VISS
    * Multi-layer interrupts possible.
5) Free-running counter: 19 bit
6) PWM output: 12 bit × 2
7) Pattern generator
    17 bits from FRC MSB used.
    Output
        Internal: 3 bit
        External (PO): 5 bit
        External (PIO): 6 bit
8) Programmable pre-scaler
    CFG: 7 bit
    CTL: 6 bit
9) Head amplifier / chroma rotary
    Generated from pattern generator output.
10) Built-in AGC. Five-bits used to switch the gain control registers for the CTL amplifier.
11) CTL counter: 1 / 30 or 1 / 25
12) Data shift PLL calculation: 24 bit
13) Timer: 8 bit × 2
14) Synchronous serial input/output: 8 bit × 1
15) VH PULSE
    V separeted from composite synchronous snal.
    Pseudo V generated from pattern generator output.
    Superimposed pseudo H synchronized with the composite synchronous signal.
16) VISS / VASS
    VASS 0 / 1 discrimination
    VISS discrimination threshold: 3
    Aspect discrimination.
    D / A CTL switching.
17) Standard I / O
    Parallel I / O (PIO): 32 bit
    Parallel output (PO): 6 bit
18) A / D converter: 8 bits × 8 channels
    Can be masked-programmed to be parallel inputs.
19) Watch-dog timer
    Setting period: 4
20) Linear circuits
    DFG: amplifier / comparator
    CFG: amplifier / comparator
    CTL: differential amplifier / comparator
    DPG: comparator

Applications
    VHS VCRs and camcorders




Similar Part No. - BU38603

ManufacturerPart #DatasheetDescription
logo
Rohm
BU38UA3WNVX-TL ROHM-BU38UA3WNVX-TL Datasheet
682Kb / 14P
Versatile Package FULL CMOS LDO Regulator
BU38UC3WG-TL ROHM-BU38UC3WG-TL Datasheet
1Mb / 26P
High accuracy detection
BU38UC3WG-TR ROHM-BU38UC3WG-TR Datasheet
1Mb / 26P
High accuracy detection
More results


Similar Description - BU38603

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51660L MITSUBISHI-M51660L Datasheet
75Kb / 4P
SERVO MOTOR CONTROL FOR RADIO CONTROL
logo
Rohm
BA6302A ROHM-BA6302A Datasheet
58Kb / 4P
FG system speed servo controller
BA6301 ROHM-BA6301 Datasheet
96Kb / 4P
FG system speed servo controller
logo
Mitsubishi Electric Sem...
M51594AFP MITSUBISHI-M51594AFP Datasheet
796Kb / 13P
OPTICAL PICKUP SERVO CONTROL
logo
Omron Electronics LLC
R88A-CPG001S OMRON-R88A-CPG001S Datasheet
13Mb / 52P
Accurax G5 Servo System
R88MG10030HS2 OMRON-R88MG10030HS2 Datasheet
2Mb / 17P
G-SERIES SERVO SYSTEM
logo
MotionKing Motor Indust...
MEZ MOTIONKING-MEZ Datasheet
730Kb / 8P
2-Phase Stepper Servo System
logo
Festo Corporation.
8118454 FESTO-8118454 Datasheet
97Kb / 1P
Control system
1/21/22
8118456 FESTO-8118456 Datasheet
98Kb / 1P
Control system
1/21/22
8118457 FESTO-8118457 Datasheet
94Kb / 1P
Control system
1/21/22
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com