Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4551B Datasheet (PDF) - Rohm

BU4551B Datasheet PDF - Rohm
Part # BU4551B
Download  BU4551B Download
File Size   86.94 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Quad 2-channel analog multiplexer / demultiplexer

BU4551B Datasheet (PDF)

Go To PDF Page Download Datasheet
BU4551B Datasheet PDF - Rohm

Part # BU4551B
Download  BU4551B Click to download

File Size   86.94 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Quad 2-channel analog multiplexer / demultiplexer

BU4551B Datasheet (HTML) - Rohm


BU4551B Product details

General-purpose CMOS Logic IC Series (BU4S,BU4000B Series)

High Voltage CMOS Logic ICs Analog Switch



●Description

BU4066BC series ICs each contain 4 independent switches capable of controlling either digital or analog signals. BU4051BC / BU4052BC / BU4053BC / and BU4551B series ICs are analog selectable composite multiplexer/demultiplexer. BU4051BC series is configured with 8 channels, BU4052BCis configured with two 4 channels,BU4053BC series is configured with three 2 channels, BU4551B series is configured with four 2 channels, and switches applicable for each channel are turned on according to digital signals of control terminal. Even if the logic amplitude (VDD-VSS) of the control signal is small, signals of large amplitude (VDD-VEE) can be switched.



●Features

 1)  Low power consumption

 2)  Wide operating supply voltage (3[V]~18[V])

 3)  High input impedance

 4)  L-TTL2 input and LS-TTL1 can be driven directly.

 5)  Applicable channel switches can be turned “ON” and “OFF” by the digital control signal.

 6)  Small control voltage (VDD-VSS) can control signals of large amplitude (VDD-VEE).

 7)  Linearity with excellent transfer characteristics



 




Similar Part No. - BU4551B

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
466Kb / 18P
High Voltage CMOS Logic ICs
BU4551B ROHM-BU4551B Datasheet
424Kb / 18P
High Voltage CMOS Logic ICs
BU4551B ROHM-BU4551B Datasheet
1Mb / 20P
Quad 2ch Analog Multiplexer/Demultiplexer
BU4551B-E2 ROHM-BU4551B-E2 Datasheet
466Kb / 18P
High Voltage CMOS Logic ICs
BU4551B-E2 ROHM-BU4551B-E2 Datasheet
1Mb / 20P
Quad 2ch Analog Multiplexer/Demultiplexer
More results


Similar Description - BU4551B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
2-channel Analog Multiplexer / Demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B_06 Datasheet
120Kb / 10P
Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
2-channel Analog Multiplexer/Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
2-channel Analog Multiplexer / Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com