Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9831F Datasheet (PDF) - Rohm

BU9831F Datasheet PDF - Rohm
Part # BU9831F
Download  BU9831F Download
File Size   149.49 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Non-volatile electronic potentiometer

BU9831F Datasheet (PDF)

Go To PDF Page Download Datasheet
BU9831F Datasheet PDF - Rohm

Part # BU9831F
Download  BU9831F Click to download

File Size   149.49 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Non-volatile electronic potentiometer

BU9831F Datasheet (HTML) - Rohm


BU9831F Product details

Non-volatile electronic potentiometer



The BU9831 / BU9831F is a non-volatile electronic potentiometer with an internal 2k bit EEPROM. The resistance

value can be set by means of serial communications, and because the product contains an internal memory, conditions can be retained. In addition, the 2k bit memory capacity enables digital data to be stored in the memory.



Features

1) Internal 2k bit EEPROM

2) 100kΩ(1kΩ×100 steps) electronic potentiometer

3) Data in memory is automatically read when power supply is turned on, and resistance value is set.

4) Resistance value can be set using serial communications.

5) Low current consumption

               When operating: 3mA (max.)

               In standby mode: 200µA (max.)



Applications

Portable LCD backlight adjustment devices for notebook computers, and other sound adjustment devices for sets




Similar Part No. - BU9831F

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9832GUL-W ROHM-BU9832GUL-W Datasheet
263Kb / 14P
Silicon Monolithic Integrated Circuit
BU9832GUL-W ROHM-BU9832GUL-W Datasheet
513Kb / 19P
WL-CSP EEPROM family SPI BUS
BU9832GUL-W ROHM-BU9832GUL-W Datasheet
748Kb / 30P
WLCSP EEPROM
BU9832GUL-WE2 ROHM-BU9832GUL-WE2 Datasheet
513Kb / 19P
WL-CSP EEPROM family SPI BUS
BU9832GUL-WE2 ROHM-BU9832GUL-WE2 Datasheet
748Kb / 30P
WLCSP EEPROM
More results


Similar Description - BU9831F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Seiko Instruments Inc
S-22 SII-S-22 Datasheet
656Kb / 12P
PARALLEL NON-VOLATILE RAM
S-24 SII-S-24 Datasheet
857Kb / 15P
SERIAL NON-VOLATILE RAM
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
ELMOS Semiconductor AG
E910.47 ELMOS-E910.47 Datasheet
101Kb / 1P
Non volatile contact monitor
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-EP TI-TPL0102-EP_15 Datasheet
1Mb / 36P
TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
logo
Recom International Pow...
REPOT1-10 RECOM-REPOT1-10 Datasheet
389Kb / 3P
Electronic Potentiometer
logo
Xilinx, Inc
XCCACE-TQ144 XILINX-XCCACE-TQ144 Datasheet
1Mb / 69P
Non-volatile system solution
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com