Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA-360 Datasheet (PDF) - Rohm

SLA-360 Datasheet PDF - Rohm
Part # SLA-360
Download  SLA-360 Download
File Size   121.72 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High luminance, small LEDs (過3, 過3.1 mm)

SLA-360 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLA-360 Datasheet PDF - Rohm

Part # SLA-360
Download  SLA-360 Click to download

File Size   121.72 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High luminance, small LEDs (過3, 過3.1 mm)

SLA-360 Datasheet (HTML) - Rohm


SLA-360 Product details

The SLA-360 and SLA-370 series are high luminance LEDs which give you a choice of narrow to wide viewing angles. Two red types and one green type are available in two packages for a total of six different types, and they are suitable for use in a wide variety of applications.

Features
1) Very bright.
2) Ideal for outdoor and semi-outdoor
   applications.
3) High reliability.




Similar Part No. - SLA-360

ManufacturerPart #DatasheetDescription
logo
Rohm
SLA-360MT ROHM-SLA-360MT Datasheet
141Kb / 3P
3.1(T-1) Circular Type High Brightness Type
More results


Similar Description - SLA-360

ManufacturerPart #DatasheetDescription
logo
Rohm
SLA-560 ROHM-SLA-560 Datasheet
136Kb / 4P
High luminance, small LEDs f5.0 mm
SPR-325 ROHM-SPR-325 Datasheet
78Kb / 3P
Directly mountable, two-color LEDs (過5.0 mm)
SPR-505 ROHM-SPR-505 Datasheet
77Kb / 3P
Directly mountable, two-color LEDs (過5.0 mm)
logo
Broadcom Corporation.
BCM5238 BOARDCOM-BCM5238_04 Datasheet
143Kb / 2P
10/100BASE-TX OCTAL-過 TRANSCEIVER
logo
Thinking Electronic Ind...
GQF3R230NRW THINKING-GQF3R230NRW Datasheet
214Kb / 4P
SMD 3-Electrodes 過5*7.2 mm Symmetrical Type
logo
Broadcom Corporation.
BCM5248XA2KFBG BOARDCOM-BCM5248XA2KFBG Datasheet
214Kb / 2P
10/100BASE-TX OCTAL-過??TRANSCEIVER
logo
Ningbo Foryard Optoelec...
FYL-3019URUGW1A-CC FORYARD-FYL-3019URUGW1A-CC Datasheet
285Kb / 5P
過3mm round type led
logo
OptoDiode Corp
AXUV20HS1 OPTODIODE-AXUV20HS1_18 Datasheet
462Kb / 3P
Photodiode 過5 mm
AXUV63HS1 OPTODIODE-AXUV63HS1_18 Datasheet
445Kb / 3P
Photodiode 過5 mm
SXUV20HS1 OPTODIODE-SXUV20HS1_18 Datasheet
279Kb / 2P
Photodiode 過5 mm
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com