Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ48A Datasheet (PDF) - Jinan Gude Electronic Device

SMBJ48A Datasheet PDF - Jinan Gude Electronic Device
Part # SMBJ48A
Download  SMBJ48A Download
File Size   301.57 Kbytes
Page   4 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMBJ48A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ48A Datasheet PDF - Jinan Gude Electronic Device

Part # SMBJ48A
Download  SMBJ48A Click to download

File Size   301.57 Kbytes
Page   4 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMBJ48A Datasheet (HTML) - Jinan Gude Electronic Device


SMBJ48A Product details

VOLTAGE RANGE 50 to 170 Volts CURRENT 600 Watts Peak Power

Features
* For surface mounted application
* Low profile package
* Built-in strain relief
* Glass passivated junction
* Excellent clamping capability
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1μA above 10V
* High temperature soldering guaranteed: 260°C / 10 seconds at terminals
* Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0




Similar Part No. - SMBJ48A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMBJ48A DCCOM-SMBJ48A Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ48A DIODES-SMBJ48A Datasheet
81Kb / 3P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
logo
EIC discrete Semiconduc...
SMBJ48A EIC-SMBJ48A Datasheet
110Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMBJ48A GE-SMBJ48A Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMBJ48A MCC-SMBJ48A Datasheet
410Kb / 5P
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results


Similar Description - SMBJ48A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com