Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV5VG101D Datasheet (PDF) - RICOH electronics devices division

RV5VG101D Datasheet PDF - RICOH electronics devices division
Part # RV5VG101D
Download  RV5VG101D Download
File Size   92.29 Kbytes
Page   9 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description RECHARGEABLE LITHIUM-ION CELL PROTECTORS

RV5VG101D Datasheet (PDF)

Go To PDF Page Download Datasheet
RV5VG101D Datasheet PDF - RICOH electronics devices division

Part # RV5VG101D
Download  RV5VG101D Click to download

File Size   92.29 Kbytes
Page   9 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description RECHARGEABLE LITHIUM-ION CELL PROTECTORS

RV5VG101D Datasheet (HTML) - RICOH electronics devices division


RV5VG101D Product details

OUTLINE
The RV5VG×××series Li-ion cell protectors are circuits designed for detecting overcharging and excessive discharging of rechargeable single-cell lithium-ion batteries (based on the CMOS process). Besides detecting overcharging or excessive discharging of single cell Li-ion battery, the RV5VG1×××series Li-ion cell protectors include a short-circuit protector to prevent excessive current due to an external short-circuit.

FEATURES
• Low Supply Current ................................................TYP. 2.3µA (for normal operations)
• High Accuracy Detector Threshold..........................over-charge ±50mV
                                                                                   over-discharge ±2.5%
• Variety of Detector Threshold..................................over-charge 4.0 to 4.5 V(0.05V step)
                                                                                   over-discharge 2.0 to 3.0V(0.05V step)
• Built-in Protection Circuit
• Short protection voltage may be set insteps 0.05V within the range of 0.1V to 0.4V (accuracy±15%)
• Adustable sensing delay for overcharging ......delay of 43ms when external 1000pF is installed
                                                                           (VDD=4.3V)
• Adjustable sensing delay for excessive discharging.....delay of 24ms when external 1000pF is installed
                                                                                        (VDD=2.4V)
• Output Type .................................................................CMOS
• Small Package .............................................................8pin SSOP

APPLICATIONS
• Li-ion single cell protectors for power pack.
• High precision protectors for cellular phones, camcorders and any other gadgets using Li-ion cell.




Similar Part No. - RV5VG101D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5VE001A RICOH-RV5VE001A Datasheet
321Kb / 49P
MULTI-POWER SUPPLY
RV5VE001A-E1 RICOH-RV5VE001A-E1 Datasheet
321Kb / 49P
MULTI-POWER SUPPLY
RV5VE001A-E2 RICOH-RV5VE001A-E2 Datasheet
321Kb / 49P
MULTI-POWER SUPPLY
RV5VE001B RICOH-RV5VE001B Datasheet
321Kb / 49P
MULTI-POWER SUPPLY
RV5VE001B-E1 RICOH-RV5VE001B-E1 Datasheet
321Kb / 49P
MULTI-POWER SUPPLY
More results


Similar Description - RV5VG101D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
INR18650-30Q SAMSUNG-INR18650-30Q Datasheet
614Kb / 20P
Lithium-ion rechargeable cell for power tools
logo
Power Sonic Corporation
PSL-FP-IFP027070180EC POWER-SONIC-PSL-FP-IFP027070180EC Datasheet
269Kb / 3P
Rechargeable Lithium Cell
PSL-FP-IFP36130200EC POWER-SONIC-PSL-FP-IFP36130200EC Datasheet
268Kb / 3P
Rechargeable Lithium Cell
PSL-FP-IFR18650PC POWER-SONIC-PSL-FP-IFR18650PC Datasheet
407Kb / 3P
Rechargeable Lithium Cell
PSL-FP-IFR26650EC POWER-SONIC-PSL-FP-IFR26650EC Datasheet
386Kb / 3P
Rechargeable Lithium Cell
logo
Shenzhen Huazhimei Semi...
HM5431A HMSEMI-HM5431A Datasheet
1Mb / 10P
single-cell lithium-ion/lithium polymer rechargeable battery packs
logo
Samsung semiconductor
ICR18650-22F SAMSUNG-ICR18650-22F Datasheet
218Kb / 18P
for Lithium-ion Rechargeable Cell
01 19/ 11/ 2007
ICR18650-26J SAMSUNG-ICR18650-26J Datasheet
822Kb / 23P
Lithium-ion Rechargeable Cell
2016/07/01
INR18650-25R SAMSUNG-INR18650-25R Datasheet
465Kb / 17P
Lithium-ion rechargeable cell for power tools
Mar., 2014
ICR18650-30B SAMSUNG-ICR18650-30B Datasheet
403Kb / 17P
for Lithium-ion Rechargeable Cell
1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com