Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S560432B Datasheet (PDF) - Samsung semiconductor

K4S560432B Datasheet PDF - Samsung semiconductor
Part # K4S560432B
Download  K4S560432B Download
File Size   130.41 Kbytes
Page   11 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL

K4S560432B Datasheet (PDF)

Go To PDF Page Download Datasheet
K4S560432B Datasheet PDF - Samsung semiconductor

Part # K4S560432B
Download  K4S560432B Click to download

File Size   130.41 Kbytes
Page   11 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL

K4S560432B Datasheet (HTML) - Samsung semiconductor


K4S560432B Product details

GENERAL DESCRIPTION
The K4S560432B is 268,435,456 bits synchronous high data rate Dynamic RAM organized as 4 x 16,785,216 words by 4 bits, fabricated with SAMSUNGs high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable burst length and programmable latencies allow the same device to be useful for a variety of high bandwidth, high performance memory system applications.

FEATURES
• JEDEC standard 3.3V power supply
• LVTTL compatible with multiplexed address
• Four banks operation
• MRS cycle with address key programs
   -. CAS latency (2 & 3)
   -. Burst length (1, 2, 4, 8 & Full page)
   -. Burst type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system clock.
• Burst read single-bit write operation
• DQM for masking
• Auto & self refresh
• 64ms refresh period (8K cycle)




Similar Part No. - K4S560432B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L1H SAMSUNG-K4S560432A-TC/L1H Datasheet
127Kb / 10P
256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L1L SAMSUNG-K4S560432A-TC/L1L Datasheet
127Kb / 10P
256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L75 SAMSUNG-K4S560432A-TC/L75 Datasheet
127Kb / 10P
256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L80 SAMSUNG-K4S560432A-TC/L80 Datasheet
127Kb / 10P
256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
More results


Similar Description - K4S560432B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432A SAMSUNG-K4S280432A Datasheet
109Kb / 10P
128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560832A SAMSUNG-K4S560832A Datasheet
126Kb / 10P
256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832B SAMSUNG-K4S560832B Datasheet
131Kb / 11P
256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832C SAMSUNG-K4S560832C Datasheet
113Kb / 11P
256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D SAMSUNG-K4S640432D Datasheet
128Kb / 10P
64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S560432D SAMSUNG-K4S560432D Datasheet
121Kb / 11P
16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com