Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB2511B Datasheet (PDF) - Samsung semiconductor

KB2511B Datasheet PDF - Samsung semiconductor
Part # KB2511B
Download  KB2511B Download
File Size   337.12 Kbytes
Page   35 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DEFLECTION PROCESSOR FOR MULTISYNC MONITORS

KB2511B Datasheet (PDF)

Go To PDF Page Download Datasheet
KB2511B Datasheet PDF - Samsung semiconductor

Part # KB2511B
Download  KB2511B Click to download

File Size   337.12 Kbytes
Page   35 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DEFLECTION PROCESSOR FOR MULTISYNC MONITORS

KB2511B Datasheet (HTML) - Samsung semiconductor


KB2511B Product details

DEFLECTION PROCESSOR
The KB2511B is a monolithc integrated circuit assembled in 32 pins shrunk dual in line plastic package. This IC controls all the functions related to the horizontal and vertical deflection in multimodes or multi-frequency computer display monitors.
The internal sync processor, combined with the very powerful geometry correction block make the KB2511 suitable for very high performance monitors with very few external components. The horizontal jitter level is very low. It is particularly well suited for high-end 15” and 17” monitors.

FEATURES
(HORIZONTAL)
• Self-adaptative
• Dual PLL concept
• 150kHz maximum frequency
• X-RAY protection input
• I2C controls : Horizontal duty-cycle, H-position,free running frequency, frequency generator for burn-in mode.

(VERTICAL)
• Vertical ramp generator
• 50 to 165Hz AGC loop
• Geometry tracking with V-POS & AMP
• I2C Controls : V-AMP, V-POS, S-CORR, C-CORR

(I2C GEOMETRY CORRECTIONS)
• Vertical parabola generator (Pincushion-E/W, Keystone)
• Horizontal Dynamic Phase (Side Pin balance & parallelogram)
• Horizontal and vertical dynamic focus (Horizontal Focus Amplitude, Horizontal Focus Symmetry, Vertical Focus Amplitude)

(GENERAL)
• Sync Processor
• 12V supply voltage
• Hor. & Vert, lock/unlock outputs
• Read/Write I2C interface
• Vertical moire
• B+ Regulator
    -Internal PWM generator for B+ current mode step-up converter.
    - Switchable to step-down converter
    - I2C adjustable B+ reference voltage
    - Output pulses synchronized on horizontal frequency

FUNCTIONS
• Defiection Processor
• I2C BUS Control
• B+ Regulator
• Vertical Parabola Generator
• Horizontal and Vertical dynamic focus




Similar Part No. - KB2511B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Similar Description - KB2511B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1996
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Dec-1997
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com