Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM68512B Datasheet (PDF) - Samsung semiconductor

KM68512B Datasheet PDF - Samsung semiconductor
Part # KM68512B
Download  KM68512B Download
File Size   126.94 Kbytes
Page   9 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64Kx8 bit Low Power CMOS Static RAM

KM68512B Datasheet (PDF)

Go To PDF Page Download Datasheet
KM68512B Datasheet PDF - Samsung semiconductor

Part # KM68512B
Download  KM68512B Click to download

File Size   126.94 Kbytes
Page   9 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64Kx8 bit Low Power CMOS Static RAM

KM68512B Datasheet (HTML) - Samsung semiconductor


KM68512B Product details

GENERAL DESCRIPTION
The KM68512B family is fabricated by SAMSUNG ¢s advanced CMOS process technology. The family support various operating temperature ranges and small package type for user flexibility of system design. The family also support low data retention voltage for battery back-up operation with low data retention current.

FEATURES
• Process Technology : 0.4 mm CMOS
• Organization : 64Kx8
• Power Supply Voltage : Single 5V ±10%
• Low Data Retention Voltage : 2V(Min)
• Three state output and TTL Compatible
• Package Type : 32-TSOP I -0820F




Similar Part No. - KM68512B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68512A SAMSUNG-KM68512A Datasheet
143Kb / 9P
64Kx8 bit Low Power CMOS Static RAM
KM68512AL SAMSUNG-KM68512AL Datasheet
143Kb / 9P
64Kx8 bit Low Power CMOS Static RAM
KM68512AL-L SAMSUNG-KM68512AL-L Datasheet
143Kb / 9P
64Kx8 bit Low Power CMOS Static RAM
KM68512ALG-5 SAMSUNG-KM68512ALG-5 Datasheet
143Kb / 9P
64Kx8 bit Low Power CMOS Static RAM
KM68512ALG-5L SAMSUNG-KM68512ALG-5L Datasheet
143Kb / 9P
64Kx8 bit Low Power CMOS Static RAM
More results


Similar Description - KM68512B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
64Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
32Kx8 bit Low Power CMOS Static RAM
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
128Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
512Kx8 bit Low Power CMOS Static RAM
KM6264B SAMSUNG-KM6264B Datasheet
152Kb / 10P
8Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
512Kx8 bit Low Power CMOS Static RAM
KM68512A SAMSUNG-KM68512A Datasheet
143Kb / 9P
64Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
128Kx8 bit Low Power CMOS Static RAM
KM6164000B SAMSUNG-KM6164000B Datasheet
151Kb / 9P
256Kx16 bit Low Power CMOS Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com