| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
0473065025
|
199Kb / 4P |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, with Locking Latches, 7 Circuits, 0.38關m (15關") Gold (Au) Plating, Metal Post Length 3.45mm (.136")
|
|
0473062001
|
202Kb / 4P |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, with Locking Latch, 7 Circuits, Gold (Au) Flash, Metal Post Length 2.65mm (.104"), Tape on Reel Package
|
|
0678008032
|
213Kb / 4P |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, for 1.60mm
|
|
0678005022
|
173Kb / 4P |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, withLocking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Plating, for 2.40mm (.094") PCB,
|
|
0676431990
|
200Kb / 4P |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, withLocking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Plating, for 2.40mm (.094") PCB
|
|
0678005012
|
172Kb / 4P |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, withLocking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Plating, for 1.60mm (.063") PCB
|
|
0678005011
|
172Kb / 4P |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, with Locking Latch, 7 Circuits, Gold
|
|
0678008122
|
214Kb / 4P |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Plating, for 2.40mm (.094") PCB,High Temperature
|
|
0678007112
|
194Kb / 4P |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Plating, for 2.00mm (.079") PCB, High Temperature
|
|
0678008042
|
213Kb / 4P |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, for 1.60mm (.063") PCB
|