Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSB546 Datasheet (PDF) - Samsung semiconductor

KSB546 Datasheet PDF - Samsung semiconductor
Part # KSB546
Download  KSB546 Download
File Size   267.78 Kbytes
Page   8 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description PNP (TV VERTICAL DEFLECTION OUTPUT)

KSB546 Datasheet (PDF)

Go To PDF Page Download Datasheet
KSB546 Datasheet PDF - Samsung semiconductor

Part # KSB546
Download  KSB546 Click to download

File Size   267.78 Kbytes
Page   8 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description PNP (TV VERTICAL DEFLECTION OUTPUT)

KSB546 Datasheet (HTML) - Samsung semiconductor


KSB546 Product details

TV VERTICAL DEFLECTION OUTPUT

• Complement to KSD401
• Collector-Base Voltage : VCBO = -200V
• Collector Current : lC = -2A
• Collector Dissipation : PC= 25W (TC=25°C)




Similar Part No. - KSB546

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB546 FAIRCHILD-KSB546 Datasheet
59Kb / 4P
TV Vertical Deflection Output
logo
Inchange Semiconductor ...
KSB546 ISC-KSB546 Datasheet
272Kb / 2P
isc Silicon PNP Power Transistor
More results


Similar Description - KSB546

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2270 STMICROELECTRONICS-TDA2270 Datasheet
134Kb / 7P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
Sep-1992
TDA8173 STMICROELECTRONICS-TDA8173 Datasheet
69Kb / 4P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
May-1993
logo
TEMIC Semiconductors
TEA8172 TEMIC-TEA8172 Datasheet
63Kb / 4P
TV Vertical Deflection Output Amplifier
TDA4173 TEMIC-TDA4173 Datasheet
71Kb / 6P
TV Vertical Deflection Output Amplifier
logo
Samsung semiconductor
KSC2073 SAMSUNG-KSC2073 Datasheet
265Kb / 7P
NPN (TV VERTICAL DEFLECTION OUTPUT)
logo
Fairchild Semiconductor
KSB546 FAIRCHILD-KSB546 Datasheet
59Kb / 4P
TV Vertical Deflection Output
KSC2073 FAIRCHILD-KSC2073 Datasheet
56Kb / 4P
TV Vertical Deflection Output
KSD401 FAIRCHILD-KSD401 Datasheet
59Kb / 4P
TV Vertical Deflection Output
KSD401Y FAIRCHILD-KSD401Y Datasheet
76Kb / 4P
TV Vertical Deflection Output
KSD401YTU FAIRCHILD-KSD401YTU Datasheet
76Kb / 4P
TV Vertical Deflection Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com