Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE210 Datasheet (PDF) - Samsung semiconductor

MJE210 Datasheet PDF - Samsung semiconductor
Part # MJE210
Download  MJE210 Download
File Size   195.25 Kbytes
Page   6 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description PNP (COLLECTOR-EMITTER SUSTAINING VOLTAGE LOW COLLECTOR-EMITTER)

MJE210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE210 Datasheet PDF - Samsung semiconductor

Part # MJE210
Download  MJE210 Click to download

File Size   195.25 Kbytes
Page   6 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description PNP (COLLECTOR-EMITTER SUSTAINING VOLTAGE LOW COLLECTOR-EMITTER)

MJE210 Datasheet (HTML) - Samsung semiconductor


MJE210 Product details

COLLECTOR-EMITTER SUSTAINING VOLTAGE LOW COLLECTOR-EMITTER

SATURATION VOLTAGE

HIGH CURRENT GAIN-BANDWIDTH

PRODUCT-MIN fT=65MHz @ Ic=-100mA

Complementary to MJE200




Similar Part No. - MJE210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE210 MOTOROLA-MJE210 Datasheet
255Kb / 6P
5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
logo
ON Semiconductor
MJE210 ONSEMI-MJE210 Datasheet
255Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
logo
STMicroelectronics
MJE210 STMICROELECTRONICS-MJE210 Datasheet
63Kb / 4P
SILICON PNP TRANSISTOR
Sep-1997
logo
Fairchild Semiconductor
MJE210 FAIRCHILD-MJE210 Datasheet
41Kb / 4P
Feature
logo
STMicroelectronics
MJE210 STMICROELECTRONICS-MJE210 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Sep-2003
More results


Similar Description - MJE210

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5109 NJSEMI-2N5109 Datasheet
105Kb / 1P
COLLECTOR-EMITTER SUSTAINING VOLTAGE
logo
Inchange Semiconductor ...
2SA1442 ISC-2SA1442 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1440 ISC-2SA1440 Datasheet
116Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
BU508A-M ISC-BU508A-M Datasheet
206Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 800V (Min)
BU508AT ISC-BU508AT Datasheet
194Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 700V (Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
BUY70B ISC-BUY70B Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 325V(Min)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com