Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-242CU Datasheet (PDF) - Vicor Corporation

VI-242CU Datasheet PDF - Vicor Corporation
Part # VI-242CU
Download  VI-242CU Download
File Size   37.19 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description DC-DC Converters 50 to 200 Watts

VI-242CU Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-242CU Datasheet PDF - Vicor Corporation

Part # VI-242CU
Download  VI-242CU Click to download

File Size   37.19 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description DC-DC Converters 50 to 200 Watts

VI-242CU Datasheet (HTML) - Vicor Corporation


VI-242CU Product details

Product Highlights
The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching” component-level DC-DC converters.
Operating at frequencies up to 2 MHz, VI-200 family converters offer exceptional power density, efficiency, noise performance, reliability and ease of use. Booster modules (VI-Bxx) provide a simple, cost-effective, off-the-shelf solution for higher power output requirements. One or more boosters may be used to create synchronous arrays capable of supplying several kilowatts of output power.
The flexibility of Vicor’s power components is also available in half-size, half-power VI-J00 MiniMods.

Features
• RoHS compliant (VE-200)
• Up to 50 W/in3
• cULus, cTÜVus
• Up to 90% efficiency
• Size: 4.6" x 2.4" x 0.5" (116,8 x 61,0 x 12,7mm)
• Remote sense and current limit
• OVP, thermal shutdown
• Logic disable
• Wide range output adjust
• Compatible power booster modules
• ZCS power architecture
• Low noise FM control
• CE Marked
• Isolated output




Similar Part No. - VI-242CU

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI-2420-CW POWERBOX-VI-2420-CW Datasheet
533Kb / 2P
50 - 200W PCB MOUNTING COMPONENETS
VI-2420-CX POWERBOX-VI-2420-CX Datasheet
533Kb / 2P
50 - 200W PCB MOUNTING COMPONENETS
VI-2420-EW POWERBOX-VI-2420-EW Datasheet
533Kb / 2P
50 - 200W PCB MOUNTING COMPONENETS
VI-2420-EX POWERBOX-VI-2420-EX Datasheet
533Kb / 2P
50 - 200W PCB MOUNTING COMPONENETS
VI-2420-IW POWERBOX-VI-2420-IW Datasheet
533Kb / 2P
50 - 200W PCB MOUNTING COMPONENETS
More results


Similar Description - VI-242CU

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
DC-DC Converters 25 to 100 Watts
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
15 Watts DC/DC Converters
logo
Vicor Corporation
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
DC-DC Converters 50 to 200 Watts
logo
Wall Industries,Inc.
DCBOB5 WALL-DCBOB5 Datasheet
512Kb / 4P
Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
Up to 12 Watts DC/DC Power Converters
DMW WALL-DMW Datasheet
161Kb / 6P
15.3 Watts DC/DC Converters
logo
TDK Electronics
PH-A280 TDK-PH-A280 Datasheet
132Kb / 2P
50-150W, 200 to 425VDC Input DC-DC Converters
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
Up to 3 Watts, DC/DC Power Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com