Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3F9444 Datasheet (PDF) - Samsung semiconductor

S3F9444 Datasheet PDF - Samsung semiconductor
Part # S3F9444
Download  S3F9444 Download
File Size   177.08 Kbytes
Page   26 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description SAM88RCRI family of 8-bit single-chip CMOS microcontrollers

S3F9444 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3F9444 Datasheet PDF - Samsung semiconductor

Part # S3F9444
Download  S3F9444 Click to download

File Size   177.08 Kbytes
Page   26 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description SAM88RCRI family of 8-bit single-chip CMOS microcontrollers

S3F9444 Datasheet (HTML) - Samsung semiconductor


S3F9444 Product details

FEATURES

CPU

• SAM88RCRI CPU core

• The SAM88RCRI core is low-end version of the current SAM87 core.

Memory

• 2/4-Kbyte internal program memory

• 208-byte general purpose register area

Instruction Set

• 41 instructions

• The SAM88RCRI core provides all the SAM87 core instruction except the word-oriented

instruction, multiplication, division, and some one-byte instruction. Instruction Execution Time

• 400 ns at 10 MHz fOSC(minimum)

Interrupts

• 4 interrupt sources with one vector

• One interrupt level

General I/O

• Three I/O ports (Max 18 pins)

• Bit programmable ports

8-bit High-speed PWM

• 8-bit PWM 1-ch (Max: 156 kHz)

• 6-bit base + 2-bit extension

Built-in reset Circuit

• Low voltage detector for safe reset Timer/Counters

• One 8-bit basic timer for watchdog function

• One 8-bit timer/counter with time interval modes

A/D Converter

• Nine analog input pins

• 10-bit conversion resolution

Oscillation Frequency

• 1 MHz to 10 MHz external crystal oscillator

• Maximum 10 MHz CPU clock

• Internal RC: 3.2 MHz (typ.), 0.5 MHz (typ.) in VDD = 5 V

Operating Temperature Range

• – 40°C to + 85°C

Operating Voltage Range

• 2.0 V (LVR Level) to 5.5 V

Smart Option

Package Types

• S3C9452/C9454:

– 20-DIP-300A

– 20-SOP-375

– 16-DIP-300A

• S3C9442/C9444

– 8-DIP-300

– 8-SOP-225




Similar Part No. - S3F9444

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3F9444 SAMSUNG-S3F9444 Datasheet
259Kb / 50P
SAM88RCRI INSTRUCTION SET
More results


Similar Description - S3F9444

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8835 SAMSUNG-S3C8835 Datasheet
144Kb / 19P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C9004 SAMSUNG-S3C9004 Datasheet
162Kb / 26P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C921F SAMSUNG-S3C921F Datasheet
193Kb / 30P
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9432 SAMSUNG-S3C9432 Datasheet
190Kb / 31P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9644 SAMSUNG-S3C9644 Datasheet
179Kb / 26P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
logo
Siemens Semiconductor G...
M166 SIEMENS-M166 Datasheet
373Kb / 127P
C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com