Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6A0072 Datasheet (PDF) - Samsung semiconductor

S6A0072 Datasheet PDF - Samsung semiconductor
Part # S6A0072
Download  S6A0072 Download
File Size   268.7 Kbytes
Page   32 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 16COM/40SEG DOT MATRIX LCD CONTROLLER & DRIVER

S6A0072 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6A0072 Datasheet PDF - Samsung semiconductor

Part # S6A0072
Download  S6A0072 Click to download

File Size   268.7 Kbytes
Page   32 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 16COM/40SEG DOT MATRIX LCD CONTROLLER & DRIVER

S6A0072 Datasheet (HTML) - Samsung semiconductor


S6A0072 Product details

INTRODUCTION
S6A0072 is a dot matrix LCD driver & controller IC which is fabricated by low power CMOS technology. It is capable of displaying 1-line 16 characters or 2-line 8 characters with 5 x 8 dots format.

FEATURES
• Internal Memory
   - Character Generator ROM (CGROM): 9600 bits (240 characters ´ 5 ´ 8 dot)
   - Character Generator RAM (CGRAM): 160 bits (4 characters ´ 5 ´ 8 dot)
   - Display Data RAM (DDRAM): 128 bits (16 characters ´ 8bits)
• Low power operation
   - Power supply voltage range: 2.7 to 5.5V (VDD)
   - LCD drive voltage range: 3.0 to 11.0 (VDD-V5)
• CMOS process
• Duty cycle: 1/16
• Built-in oscillator
• Low power consumption
• Internal divide resistor for LCD driving voltage
• COG available

FUNCTIONS
Character type dot matrix LCD driver & controller
• Easy interface with 4-bit or 8-bit MPU.
• Internal driver: 16 common and 40 segment signal output.
• Display character pattern: 5 ´ 8 dots format (240 kinds)
• Direct programming of the special character patterns by character generator RAM
• Mask option for programming customer character patterns
• Various instruction functions
• Automatic power on reset




Similar Part No. - S6A0072

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0070 SAMSUNG-S6A0070 Datasheet
116Kb / 12P
40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
S6A0070 SAMSUNG-S6A0070 Datasheet
399Kb / 41P
80 SEG / 16 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0071 SAMSUNG-S6A0071 Datasheet
330Kb / 29P
32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0073 SAMSUNG-S6A0073 Datasheet
116Kb / 12P
40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
S6A0073 SAMSUNG-S6A0073 Datasheet
923Kb / 78P
34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
More results


Similar Description - S6A0072

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Samsung semiconductor
KS0066U SAMSUNG-KS0066U Datasheet
540Kb / 33P
16COM / 40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0068B SAMSUNG-KS0068B Datasheet
308Kb / 22P
16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
List of Unclassifed Man...
SPLC780D ETC1-SPLC780D Datasheet
851Kb / 48P
16COM/40SEG Controller/Driver
SPLC782A ETC1-SPLC782A Datasheet
1Mb / 40P
16COM/40SEG Controller/Driver
logo
Samsung semiconductor
KS0076B SAMSUNG-KS0076B Datasheet
272Kb / 17P
16COM/40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A2068 SAMSUNG-S6A2068 Datasheet
138Kb / 22P
16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
AIP31066 ETC-AIP31066 Datasheet
1Mb / 29P
16COM / 40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com