Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6B0721 Datasheet (PDF) - Samsung semiconductor

S6B0721 Datasheet PDF - Samsung semiconductor
Part # S6B0721
Download  S6B0721 Download
File Size   901.65 Kbytes
Page   67 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD

S6B0721 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0721 Datasheet PDF - Samsung semiconductor

Part # S6B0721
Download  S6B0721 Click to download

File Size   901.65 Kbytes
Page   67 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD

S6B0721 Datasheet (HTML) - Samsung semiconductor


S6B0721 Product details

INTRODUCTION
The S6B0721 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 65 commons and 132 segments driver circuits. This chip is connected directly to a microprocessor, accepts serial or 8-bit parallel display data and stores in an on-chip Display Data RAM of 65 x 132 bits. It provides a high-flexible display section due to 1-to-1 correspondence between on-chip display data RAM bits and LCD panel pixels. And it performs display data RAM read/write operation with no externally operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
Driver Output Circuits
- 65 common outputs / 132 segment outputs

On-chip Display Data RAM
- Capacity: 65 x 132 = 8,580 bits

Applicable Duty Ratios

Microprocessor Interface
- 8-bit parallel bi-directional interface with 6800-series or 8080-series
- Serial interface (only write operation) available

Function Set
- Various instructions sets
- H/W, S/W reset capable

Built-in Analog Circuit
- On-chip oscillator circuit
- Voltage converter (x2, x3, x4, x5)
- Voltage regulator (temperature coefficient: -0.05%/°C, -0.2%/°C)
- Voltage follower
- Electronic contrast control function (64 steps)

Operating Voltage Range
- Supply voltage (VDD): 2.4 to 3.6 V
- LCD driving voltage (VLCD = V0 - VSS): 4.0 to 15.0 V

Low Power Consumption
- 70 μA Typ. (VDD = 3V, x4 boosting, V0 = 11V, internal power supply ON)
- 10 μA Max. (during power save [standby] mode)

Package Type
- Gold bump chip or TCP




Similar Part No. - S6B0721

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0723 SAMSUNG-S6B0723 Datasheet
946Kb / 71P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0724 SAMSUNG-S6B0724 Datasheet
898Kb / 66P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
More results


Similar Description - S6B0721

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0724 SAMSUNG-KS0724 Datasheet
899Kb / 66P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0723 SAMSUNG-S6B0723 Datasheet
946Kb / 71P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0724 SAMSUNG-S6B0724 Datasheet
898Kb / 66P
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B1713 SAMSUNG-S6B1713 Datasheet
419Kb / 70P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0040 SAMSUNG-KS0040 Datasheet
860Kb / 73P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
65 COM/ 132 SEG STN LCD Driver
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
65 COM / 132 SEG LCD Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com