| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
0481410003
|
325Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector without Card Lock Pin, Reverse Mount, Stand Off Height 1.20mm (.047"), supports SD/MMC Cards, Lead-Free
|
|
0679130008
|
335Kb / 5P |
2.50mm (.098) Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra LowProfile, Push Push Type
|
|
0679558002
|
343Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Stand OffHeight: 2.0mm (.079"), Standard, Push Push Type, Lead free
|
|
0679130011
|
343Kb / 5P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra LowProfile, Push Push Type
|
|
0679138006
|
297Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Push PushType, without Card Lock Pin, Lead free
|
|
0679558001
|
343Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Stand OffHeight: 2.0mm (.079"), Standard, Push Push Type, Lead free
|
|
0679130007
|
333Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, with integrated shell nails, Lead-Free
|
|
0679138011
|
327Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, Lead free
|
|
0679130002
|
303Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, Push Push Type, Lead-Free
|
|
5009980900
|
393Kb / 6P |
2.50mm (.098") Pitch SD Memory Card Connector, Shielded, Top Mount, Push-Push Ejector
|