Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM1661P-L Datasheet (PDF) - Sanken electric

TM1661P-L Datasheet PDF - Sanken electric
Part # TM1661P-L
Download  TM1661P-L Download
File Size   31.78 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-3P 16A Triac

TM1661P-L Datasheet (PDF)

Go To PDF Page Download Datasheet
TM1661P-L Datasheet PDF - Sanken electric

Part # TM1661P-L
Download  TM1661P-L Click to download

File Size   31.78 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-3P 16A Triac

TM1661P-L Datasheet (HTML) - Sanken electric


TM1661P-L Product details

■Features

●Repetitive peak off-state voltage: VDRM=400, 600V

●RMS on-state current: IT(RMS)=16A

●Gate trigger current: IGT=30mA max (MODE , , )




Similar Part No. - TM1661P-L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM1661B-L SANKEN-TM1661B-L Datasheet
48Kb / 2P
TO-3PF 16A Triac
logo
Apollo Electron Co., Lt...
TM1661M-L APOLLOELECTRON-TM1661M-L Datasheet
2Mb / 6P
Standard Triac
logo
Sanken electric
TM1661S-L SANKEN-TM1661S-L Datasheet
45Kb / 2P
TO-220F 16A Triac
logo
Apollo Electron Co., Lt...
TM1661S-L APOLLOELECTRON-TM1661S-L Datasheet
2Mb / 6P
Standard Triac
More results


Similar Description - TM1661P-L

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56058 NTE-NTE56058 Datasheet
21Kb / 2P
TRIAC, 16A
NTE56066 NTE-NTE56066 Datasheet
20Kb / 2P
TRIAC, 16A, High Commutation
logo
Sanken electric
TM1641B-L SANKEN-TM1641B-L Datasheet
48Kb / 2P
TO-3PF 16A Triac
TM1641S-L SANKEN-TM1641S-L Datasheet
45Kb / 2P
TO-220F 16A Triac
logo
NEC
AC16DGM NEC-AC16DGM Datasheet
648Kb / 6P
16A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX16-600 SEMIHOW-HTX16-600 Datasheet
329Kb / 6P
600V 16A TRIAC
logo
STMicroelectronics
T1620W STMICROELECTRONICS-T1620W_04 Datasheet
67Kb / 5P
16A SNUBBERLESS TRIAC
Mar-2004
logo
Hi-Sincerity Mocroelect...
HST16 HSMC-HST16 Datasheet
129Kb / 4P
TRIAC 600V,16A
logo
Renesas Technology Corp
BCR16FM-14LB RENESAS-BCR16FM-14LB_17 Datasheet
833Kb / 9P
700V - 16A - Triac
BCR16FM-16LH RENESAS-BCR16FM-16LH Datasheet
492Kb / 8P
800V - 16A - Triac
Oct. 10, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com